Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDGKT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDGKT
Description  Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDGKT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA189IDGKT Datasheet HTML 17Page - Texas Instruments OPA189IDGKT Datasheet HTML 18Page - Texas Instruments OPA189IDGKT Datasheet HTML 19Page - Texas Instruments OPA189IDGKT Datasheet HTML 20Page - Texas Instruments OPA189IDGKT Datasheet HTML 21Page - Texas Instruments OPA189IDGKT Datasheet HTML 22Page - Texas Instruments OPA189IDGKT Datasheet HTML 23Page - Texas Instruments OPA189IDGKT Datasheet HTML 24Page - Texas Instruments OPA189IDGKT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
+
±
Low-Pass Filter
50
Digital Multimeter
Ambient temperature: 25Û&
Sample /
Averaging
+V
-V
Not shown: 0.1 µF and 10 µF
supply decoupling
RF source
DC Bias: 0 V
Modulation: None (CW)
Frequency Sweep: 201 pt. Log
Copyright © 2016, Texas Instruments Incorporated
0
20
40
60
80
100
120
10M
100M
1G
10G
Frequency (Hz)
C005
21
OPA189, OPA2189
www.ti.com
SBOS830C – SEPTEMBER 2017 – REVISED OCTOBER 2018
Product Folder Links: OPA189 OPA2189
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 39. EMIRR Testing
Table 2. OPAx189 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION AND ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency
(UHF) applications
48.4 dB
900 MHz
Global system for mobile communications (GSM) applications, radio
communication, navigation, GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF
applications
52.8 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band
(1 GHz to 2 GHz)
69.1 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications,
industrial, scientific and medical (ISM) radio band, amateur radio and satellite, S-
band (2 GHz to 4 GHz)
88.9 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
82.5 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication,
space and satellite operation, C-band (4 GHz to 8 GHz)
95.5 dB
8.3.5 EMIRR +IN Test Configuration
Figure 40 shows the circuit configuration for testing the EMIRR +IN. An RF source is connected to the op amp
noninverting input terminal using a transmission line. The op amp is configured in a unity-gain buffer topology
with the output connected to a low-pass filter (LPF) and a digital multimeter (DMM). A large impedance mismatch
at the op amp input causes a voltage reflection; however, this effect is characterized and accounted for when
determining the EMIRR IN+. The multimeter samples and measures the resulting DC offset voltage. The LPF
isolates the multimeter from residual RF signals that may interfere with multimeter accuracy.
Figure 40. EMIRR +IN Test Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com