Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDGKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDGKT
Description  Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDGKT Datasheet(HTML) 1 Page - Texas Instruments

  OPA189IDGKT Datasheet HTML 1Page - Texas Instruments OPA189IDGKT Datasheet HTML 2Page - Texas Instruments OPA189IDGKT Datasheet HTML 3Page - Texas Instruments OPA189IDGKT Datasheet HTML 4Page - Texas Instruments OPA189IDGKT Datasheet HTML 5Page - Texas Instruments OPA189IDGKT Datasheet HTML 6Page - Texas Instruments OPA189IDGKT Datasheet HTML 7Page - Texas Instruments OPA189IDGKT Datasheet HTML 8Page - Texas Instruments OPA189IDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
4:2
HV
MUX
High-Voltage Level Translation
Input
High-Voltage Multiplexed Input
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
+
+
OPAx189
OPAx189
Robust MUX-Friendly Inputs
without Anti-Parallel Diodes
Copyright © 2017, Texas Instruments Incorporated
Time
C003
Classical High-Voltage Op Amp
Anti-Parallel Diodes Loads Source
OPAx189 MUX-friendly Inputs
Prevents Loading of Source
Competitor HV Amp
OPAx189
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
OPA189, OPA2189
SBOS830C – SEPTEMBER 2017 – REVISED OCTOBER 2018
OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz
MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
1
1 Features
1
•
Ultra-High Precision:
–
Zero-Drift: 0.005 μV/°C (OPA189)
–
Ultra-Low Offset Voltage: 3 μV Maximum
(OPA189)
•
Excellent DC Precision:
–
CMRR: 168 dB
–
Open-Loop Gain: 170 dB
•
Low Noise:
–
en at 1 kHz: 5.2 nV/√Hz
–
0.1-Hz to 10-Hz Noise: 0.1 µVPP
•
Excellent Dynamic Performance:
–
Gain Bandwidth: 14 MHz
–
Slew Rate: 20 V/µs
–
Fast Settling: 10-V step, 0.01% in 1.1 µs
•
Robust Design:
–
MUX-Friendly Inputs
–
RFI/EMI Filtered Inputs
•
Wide Supply Range: 4.5 V to 36 V
•
Quiescent Current: 1.7 mA (Maximum)
•
Rail-to-Rail Output
•
Input Includes Negative Rail
2 Applications
•
Precision Multi-Channel Systems
•
Bridge Amplifier
•
Strain Gauges
•
Temperature Measurement
•
Resistance Temperature Detectors
3 Description
The OPAx189 (OPA189 and OPA2189) series of
high-precision operational amplifiers are ultra-low
noise, fast-settling, zero-drift devices that provide rail-
to-rail output operation and feature a unique MUX-
friendly architecture and controlled start-up system.
These
features
and
excellent
ac
performance,
combined with only 0.4 µV of offset voltage and
0.005 µV/°C of drift over temperature for the single-
channel version, make the OPAx189 a great choice
for precision instrumentation, signal measurement,
and active filtering applications. Moreover, the MUX-
friendly input architecture prevents inrush current
when applying large input differential voltages which
improves
settling
performance
in
multi-channel
systems, all while providing robust ESD protection
during shipment, handling, and assembly. All versions
are specified from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA189
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (5)
(preview)
2.90 mm × 1.60 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA2189 (preview)
SOIC (8) (preview)
4.90 mm × 3.90 mm
VSSOP (8)
(preview)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
OPAx189 Preserves R-C Settling Performance in a
Switched or Multiplexed Application
OPAx189 MUX-Friendly Input Settles Quickly and
Maintains High Input Impedance When Switched


Similar Part No. - OPA189IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA189IDGKT TI1-OPA189IDGKT Datasheet
3Mb / 48P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189IDGKT TI1-OPA189IDGKT Datasheet
3Mb / 48P
OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189IDGKT TI-OPA189IDGKT Datasheet
3Mb / 51P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189IDGKT TI-OPA189IDGKT Datasheet
3Mb / 52P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189IDGKT TI-OPA189IDGKT Datasheet
3Mb / 52P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OCTOBER 2021
More results

Similar Description - OPA189IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189 Datasheet
699Kb / 34P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_17 Datasheet
765Kb / 36P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_19 Datasheet
3Mb / 48P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_V01 Datasheet
3Mb / 48P
OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI-OPA189_V02 Datasheet
3Mb / 51P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189 TI-OPA189_V03 Datasheet
3Mb / 52P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189 TI-OPA189_V04 Datasheet
3Mb / 52P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com