Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDGKT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDGKT
Description  Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDGKT Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA189IDGKT Datasheet HTML 27Page - Texas Instruments OPA189IDGKT Datasheet HTML 28Page - Texas Instruments OPA189IDGKT Datasheet HTML 29Page - Texas Instruments OPA189IDGKT Datasheet HTML 30Page - Texas Instruments OPA189IDGKT Datasheet HTML 31Page - Texas Instruments OPA189IDGKT Datasheet HTML 32Page - Texas Instruments OPA189IDGKT Datasheet HTML 33Page - Texas Instruments OPA189IDGKT Datasheet HTML 34Page - Texas Instruments OPA189IDGKT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
ADS1225
AVDD
DVDD
GND
GND
BUFEN
TEMPEN
MODE
+3V
+5V
+3V
MSP430xxx
or other host
DVDD
VREFP
VREFN
C5
0.1 µF
C4
0.1 nF
C6
0.1 nF
GND
GND
SCLK
DRDY / DOUT
START
OPAx189
±
+
+15V
RF
10 k
CF
1 µF
GND
OPAx189
±
+
+15V
RF
10 k
CF
1 µF
GND
RG
50
Load Cell
±OUT
+OUT
GND
+
±
GND
VEX
RTRACE
+SENSE
-SENSE
C2
1 µF
R2
1 k
R1
1 k
C1
10 µF
C3
10 µF
GND
AINP1
AINN1
GND
RTRACE
+5V
Copyright © 2017, Texas Instruments Incorporated
G = 1 +
2 ® RF
R
G
31
OPA189, OPA2189
www.ti.com
SBOS830C – SEPTEMBER 2017 – REVISED OCTOBER 2018
Product Folder Links: OPA189 OPA2189
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
9.3 System Examples
9.3.1 24-Bit, Delta-Sigma, Differential Load Cell or Strain Gauge Sensor Signal Conditioning
OPAx189 is used in a 24-bit, differential load cell or strain gauge sensor signal conditioning system alongside the
ADS1225. A pair of OPAx189 amplifiers are configured in a two-amp instrumentation amplifier (IA) configuration
and are band-limited to reduce noise and allow heavy capacitive drive. The load cell is powered by an excitation
voltage (denoted VEX) of 5-V and provides a differential voltage proportional to force applied. The differential
voltage can be quite small and both outputs are biased to VEX / 2.
In this example the OPAx189 is employed here due to the excellent input offset voltage (0.4 µV) and input offset
voltage drift (0.005 µV/°C), the low broadband noise (5.2 nV/
√Hz) and zero-flicker noise, and excellent linearity
and high input impedance. The two-amp IA configuration removes the dc bias and amplifies the differential signal
of interest and drives the 24-bit, delta-sigma ADS1225 analog-to-digital converter (ADC) for acquisition and
conversion. The ADS1225 features a 100-SPS data rate, single-cycle settling, and simple conversion control with
the dedicated START pin.
Figure 51. 24-Bit, Differential Load Cell or Strain Gauge Sensor Signal Conditioning Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com