Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDGKT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDGKT
Description  Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDGKT Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA189IDGKT Datasheet HTML 26Page - Texas Instruments OPA189IDGKT Datasheet HTML 27Page - Texas Instruments OPA189IDGKT Datasheet HTML 28Page - Texas Instruments OPA189IDGKT Datasheet HTML 29Page - Texas Instruments OPA189IDGKT Datasheet HTML 30Page - Texas Instruments OPA189IDGKT Datasheet HTML 31Page - Texas Instruments OPA189IDGKT Datasheet HTML 32Page - Texas Instruments OPA189IDGKT Datasheet HTML 33Page - Texas Instruments OPA189IDGKT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
OPAx189
RTD
Pt100
R5
105.8 k
Ÿ
(1)
V
OUT
R3
60.4 k
Ÿ
R1
4.99 k
Ÿ
R2
49.1 k
Ÿ
R4
1 k
Ÿ
1 µF
1 µF
REF5050
15 V
In
Out
(5 V)
0°C = 0 V
200°C = 5 V
Copyright © 2017, Texas Instruments Incorporated
DAC8581
Input = ± 5V
C2
500 nF
OPAx189
±15V
±
+
+15V
R2
1 k
R1
10 k
GND
R3
10 k
OPA548
±30V
±
+
+30V
R4
40 k
C1
500 nF
VOUT
Output = ± 25V
Copyright © 2017, Texas Instruments Incorporated
30
OPA189, OPA2189
SBOS830C – SEPTEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: OPA189 OPA2189
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Applications (continued)
Figure 49. Programmable Power Supply
9.2.6 RTD Amplifier With Linearization
See Analog Linearization of Resistance Temperature Detectors (SLYT442) for an in-depth analysis of Figure 50.
Click the following link to download the TINA-TI file: RTD Amplifier with Linearization.
(1)
R5 provides positive-varying excitation to linearize output.
Figure 50. RTD Amplifier With Linearization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com