Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDGKT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDGKT
Description  Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDGKT Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA189IDGKT Datasheet HTML 28Page - Texas Instruments OPA189IDGKT Datasheet HTML 29Page - Texas Instruments OPA189IDGKT Datasheet HTML 30Page - Texas Instruments OPA189IDGKT Datasheet HTML 31Page - Texas Instruments OPA189IDGKT Datasheet HTML 32Page - Texas Instruments OPA189IDGKT Datasheet HTML 33Page - Texas Instruments OPA189IDGKT Datasheet HTML 34Page - Texas Instruments OPA189IDGKT Datasheet HTML 35Page - Texas Instruments OPA189IDGKT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
OPA189, OPA2189
SBOS830C – SEPTEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: OPA189 OPA2189
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
10 Power Supply Recommendations
The OPAx189 is specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V); many specifications apply from
–40°C to +125°C. The Typical Characteristics presents parameters that can exhibit significant variance with
regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 40 V can permanently damage the device (see the
Absolute Maximum Ratings).
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or
high-impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com