Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDGKT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDGKT
Description  Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDGKT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA189IDGKT Datasheet HTML 9Page - Texas Instruments OPA189IDGKT Datasheet HTML 10Page - Texas Instruments OPA189IDGKT Datasheet HTML 11Page - Texas Instruments OPA189IDGKT Datasheet HTML 12Page - Texas Instruments OPA189IDGKT Datasheet HTML 13Page - Texas Instruments OPA189IDGKT Datasheet HTML 14Page - Texas Instruments OPA189IDGKT Datasheet HTML 15Page - Texas Instruments OPA189IDGKT Datasheet HTML 16Page - Texas Instruments OPA189IDGKT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Time (1 s/div)
C017
1
10
100
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
C006
0.001
0.01
0.1
1
120
130
140
150
160
170
180
±75 ±50 ±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
0.001
0.01
0.1
1
120
130
140
150
160
170
180
±75 ±50 ±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
-18
-17
-16
-15
-14
-13
-12
0
10
20
30
40
50
60
70
80
90
I
O (mA)
C001
125°C
25°C
±40°C
85°C
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
CMRR
+PSRR
±PSRR
C004
13
OPA189, OPA2189
www.ti.com
SBOS830C – SEPTEMBER 2017 – REVISED OCTOBER 2018
Product Folder Links: OPA189 OPA2189
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Sinking
Figure 13. Output Voltage Swing vs Output Current
Figure 14. CMRR and PSRR vs Frequency
Figure 15. CMRR vs Temperature
Figure 16. PSRR vs Temperature
Figure 17. 0.1-Hz to 10-Hz Voltage Noise
Figure 18. Input Voltage Noise Spectral Density
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com