Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDGKT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDGKT
Description  Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189IDGKT Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA189IDGKT Datasheet HTML 29Page - Texas Instruments OPA189IDGKT Datasheet HTML 30Page - Texas Instruments OPA189IDGKT Datasheet HTML 31Page - Texas Instruments OPA189IDGKT Datasheet HTML 32Page - Texas Instruments OPA189IDGKT Datasheet HTML 33Page - Texas Instruments OPA189IDGKT Datasheet HTML 34Page - Texas Instruments OPA189IDGKT Datasheet HTML 35Page - Texas Instruments OPA189IDGKT Datasheet HTML 36Page - Texas Instruments OPA189IDGKT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Copyright © 2017, Texas Instruments Incorporated
Use a low-
ESR,ceramic bypass
capacitor
Place components
close to device and to
each other to reduce
parasitic errors
Use ground pours for
shielding the input
signal pairs
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
NC
R1
R3
R2
R4
C1
C2
C3
C4
GND
GND
+V
-V
Place bypass
capacitors as close to
device as possible
(avoid use of vias)
IN±
IN+
OUT
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
NC
+V
C3
C4
R3
R1
C1
C2
-V
OUT
R2
R4
IN±
IN+
33
OPA189, OPA2189
www.ti.com
SBOS830C – SEPTEMBER 2017 – REVISED OCTOBER 2018
Product Folder Links: OPA189 OPA2189
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
•
Noise can propagate into analog circuitry through the power pins of the circuit as a whole and the op amp
itself. Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the
analog circuitry.
–
Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close as possible to the device. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
•
Separate grounding for analog and digital portions of circuitry is one of the simplest and most effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground
planes. A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically
separate digital and analog grounds paying attention to the flow of the ground current. For more detailed
information, seeThe PCB is a component of op amp design.
•
To reduce parasitic coupling, run the input traces as far away as possible from the supply or output
traces. If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better
as opposed to in parallel with the noisy trace.
•
Place the external components as close as possible to the device. As illustrated in Figure 52, keeping RF
and RG close to the inverting input minimizes parasitic capacitance.
•
Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
•
Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly
reduce leakage currents from nearby traces that are at different potentials.
•
For best performance, TI recommends cleaning the PCB following board assembly.
•
Any precision integrated circuit may experience performance shifts due to moisture ingress into the
plastic package. Following any aqueous PCB cleaning process, TI recommends baking the PCB
assembly to remove moisture introduced into the device packaging during the cleaning process. A low
temperature, post cleaning bake at 85°C for 30 minutes is sufficient for most circumstances.
11.2 Layout Example
Figure 52. Operational Amplifier Board Layout for Difference Amplifier Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com