Electronic Components Datasheet Search
  English  ▼

X  

ML2502 Datasheet(PDF) 3 Page - OKI electronic componets

Part # ML2502
Description  128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2502 Datasheet(HTML) 3 Page - OKI electronic componets

  ML2502 Datasheet HTML 1Page - OKI electronic componets ML2502 Datasheet HTML 2Page - OKI electronic componets ML2502 Datasheet HTML 3Page - OKI electronic componets ML2502 Datasheet HTML 4Page - OKI electronic componets ML2502 Datasheet HTML 5Page - OKI electronic componets ML2502 Datasheet HTML 6Page - OKI electronic componets ML2502 Datasheet HTML 7Page - OKI electronic componets ML2502 Datasheet HTML 8Page - OKI electronic componets ML2502 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
OKI
ML2502
ML2502 Data Sheet (Revision 8.0)
3
n PIN DESCRIPTION
REC1
I
Input start-recording signal for Phrase 1 to this pin.
"H" level input to this pin initiates recording to Phrase 1 memory area. Recording goes on
while this pin being held "H". In single-phrase mode, the pin is connected to the REC2 pin.
The REC1 pin is internally pulled down.
PIN
I/O
Description
REC2
I
Input start-recording signal for Phrase 2 to this pin.
"H" level input to this pin initiates recording to Phrase 2 memory area. Recording goes on
while this pin being held "H". In single phrase mode, the pin is connected to the REC1 pin.
The REC2 pin is internally pulled down.
PLAY1
I
Input start-playback signal for Phrase 1 to this pin.
A "H" pulse input to this pin initiates playback of Phrase 1. Re-inputting a "H" pulse during
playback causes to stop playback. In single phrase mode, the pin is connected to the
PLAY2 pin. The pin is internally pulled down.
PLAY2
I
Input start-playback signal for Phrase 2 to this pin.
A "H" pulse input to this pin initiates playback of Phrase 2. Re-inputting a "H" pulse during
playback causes to stop playback. In single phrase mode, the pin is connected to the
PLAY1 pin. The pin is internally pulled down.
ERASE
I
Erase-enable signal input pin, used together with the REC1 and/or REC2.
Input "H" level to the REC1/REC2 pin with this pin being held "H" to erase respective
phrase.
The pin is internally pulled down.
SAM1
SAM2
I
Pins used to select a sampling frequency.
SAM1
SAM1
Fs
L
L
4.0kHz
L
H
5.3kHz
H
L
6.4kHz
H
H
Unused
MON
O
Output "H" level during record or playback operation.
Insert a 30k
Ω resistor between this pin and the DGND pin. The resistor determines the
oscillation frequency for the internal oscillation circuit.
ROSC
I
MIN
I
Input to the Microphone amplifier.
Output from the Microphone amplifier. Voltage amplitude is automatically controlled to an
appropriate output level by the internal AGC circuit.
MOUT
O
LIN
I
Input to the Line amplifier. Connected to inverted input for the internal Op. amplifier.
Output from the Line amplifier. Connected to the output pin from the internal Op. amplifier.
Connecting resistors to the LIN and LOUT pins configures an inverted amplifier.
LOUT
O
AOUT
O
Output analog signal for playback.
Input to the speaker driver. The resistor's value inserted between the AOUT and SPIN pin
determines voltage amplitude of the speaker driver. Select an appropriate value
depending on types of speaker in use.
SPIN
I
Output from the speaker driver. Connect a speaker in-between these pins.
Output two phase-inverted analog signals for playback from the speaker driver.
SPOUT+
SPOUT-
O
DVDD
−
Digital power supply pin. Insert a 0.1
µF or larger bypass capacitor between this pin and
the DGND pin.
DGND
−
Digital ground pin.
AVDD
−
Analog power supply pin. Insert a 0.1
µF or larger bypass capacitor between this pin and
the AGND pin.
AGND
−
Analog ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com