Electronic Components Datasheet Search
  English  ▼

X  

ML2502 Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML2502
Description  128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2502 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML2502 Datasheet HTML 10Page - OKI electronic componets ML2502 Datasheet HTML 11Page - OKI electronic componets ML2502 Datasheet HTML 12Page - OKI electronic componets ML2502 Datasheet HTML 13Page - OKI electronic componets ML2502 Datasheet HTML 14Page - OKI electronic componets ML2502 Datasheet HTML 15Page - OKI electronic componets ML2502 Datasheet HTML 16Page - OKI electronic componets ML2502 Datasheet HTML 17Page - OKI electronic componets ML2502 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
OKI
ML2502
ML2502 Data Sheet (Revision 8.0)
14
• Analog Circuit Characteristics
Parameter
Symbol
Conditions
Unit
Max.
Typ.
Min.
RMIN
MIN Input Resistance
—
7.8
—
1.45
40
±125
—
k
Ω
V/V
mA
—
tWS12 and tWS4
No Signal Playback
DVDD=AVDD=2.7V ~ 3.3V,DGND=AGND=0V,Ta= -10 ~ +70°C
VMOTP
V
28
—
VDD-0.25
V
M
Ω
dB
—
dB
—
V
V
±0.3
—
IOL = 10mA
—
—
40
0.95
—
200
—
—
VLOTP
VAOTP
1.35
1.25
Output Voltage from MOUT, LOUT,
AOUT on Powering Up and Powering
Down
6
4.2
—
LIN Input Impedance
Line Amp. Open-loop Gain
Mic. Amp. Voltage Gain Control Range
fIN = 0~4kHz
8
1
RIOP
GMIC
GOLINE
Output Voltage from SPOUT +/-
on Powering Up and Powering Down
MOUT- LOUT Load Resistance
SPOUT+ / SPOUT-
Amplifier Open-loop Gain
SPOUT+/SPOUT- Voltage Gain
SPOUT +/- Output "H" Voltage
SPIN Input Impedance
SPOUT +/- Output "L" Voltage
SPOUT Output Load Impedance
SPOUT Output Offset Voltage
SPOUT Load Current at Peak Output
fIN = 0~4kHz
—
—
—
1/2 VDD
1/2 VDD
+0.1
1/2 VDD
-0.1
—
—
IOH = 10mA
1
1
—
16
—
—
—
—
—
—
0.25
—
—
Ω
—
1.05
V
M
Ω
V/V
k
Ω
VSPOTP
VSNOTP
ROOP
GOSP
GSPC
RISP
VSPH
VSPL
VOFF
RSPC
ISPO
tWS12 and tWS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com