| Electronic Components Datasheet Search |
|
ML2502 Datasheet(PDF) 6 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2502 Datasheet(HTML) 6 Page - OKI electronic componets |
|
6 / 20 page ![]() OKI ML2502 ML2502 Data Sheet (Revision 8.0) 6 1.4 Phrase 2 Recording Operation (1) Keep on inputting “H” level to the REC2 pin to power up and start recording from the top address of the memory. Recording goes on while the REC2 pin being held “H” level. (2) The LSI automatically ends recording when the last address of the memory has been reached. (3) The LSI automatically shifts to low-power consumption mode after recording ends. (4) To stop recording for Phrase 2 before reaching the last address, bring the REC2 pin down to “L” level. The LSI automatically shifts to low-power consumption mode after recording stops. (5) During recording operation any signal input to other pins than the REC2 is disregarded. Note: Re-recording always causes to overwrite the existing recording data for a given phrase. Figure 1.4 Timing Chart for Phrase 2 Recording Operation 1.5 Phrase 2 Playback Operation (1) Input a “H” pulse to the PLAY2 pin to power up and start playback from the center address of the memory. (2) The LSI automatically ends playback when the last address of the recorded phrase has been reached. (3) The LSI automatically shifts to low-power consumption mode after playback ends. (4) To stop playback of Phrase 2 before reaching its last address, input a “H” pulse again to the PLAY1 or PLAY2 pin. This will cause the LSI to stop playback and then automatically shift to low-power consumption mode. (5) During playback operation signal input to the PLAY1 or PLAY2 pin only is valid, any other signal input is disregarded Figure 1.5 Timing Chart for Phrase 2 Playback Operation Start Stop Invalid Input Stopping Process Power Down Powering Up Recording Power Down Powering Down MON REC2 REC1 Status Start Pulse Stop Pulse Power Down Powering Up Playing Back Power Down Powering Down MON PLAY2 PLAY1 Status Stop |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |