Electronic Components Datasheet Search
  English  ▼

X  

ML2502 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML2502
Description  128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2502 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML2502 Datasheet HTML 4Page - OKI electronic componets ML2502 Datasheet HTML 5Page - OKI electronic componets ML2502 Datasheet HTML 6Page - OKI electronic componets ML2502 Datasheet HTML 7Page - OKI electronic componets ML2502 Datasheet HTML 8Page - OKI electronic componets ML2502 Datasheet HTML 9Page - OKI electronic componets ML2502 Datasheet HTML 10Page - OKI electronic componets ML2502 Datasheet HTML 11Page - OKI electronic componets ML2502 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OKI
ML2502
ML2502 Data Sheet (Revision 8.0)
8
2.
Single-phrase Record/Playback Mode
2.1
Recording Operation
(1)
In this mode the REC1 has to be connected with the REC2 pin.
Keep on inputting “H” level to the REC1 and the REC2 pin to power up and start recording
from the top address of the memory.
Recording goes on while the REC1 and the REC2 pin
being held at “H” level.
(2)
The LSI automatically ends recording when the last address of the memory has been
reached.
(3)
The LSI automatically shifts to low-power consumption mode after recording ends.
(4)
To stop recording before reaching the last address, bring the REC1 and the REC2 pin down
to “L” level. The LSI automatically shifts to low-power consumption mode after recording
stops.
(5)
During recording operation any signal input to other pins than the REC1 and the REC2 is
disregarded.
Note: Re-recording always causes to overwrite the existing recording data for a given phrase.
Figure 2.1 Timing Chart for Single-phrase Recording Operation
Start
Stop
Invalid Input
Stopping Process
Power Down
Powering Up
Recording
Power Down
Powering Down
MON
REC2
REC1
Status
PLAY2
PLAY1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com