Electronic Components Datasheet Search
  English  ▼

X  

ML2502 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML2502
Description  128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2502 Datasheet(HTML) 1 Page - OKI electronic componets

  ML2502 Datasheet HTML 1Page - OKI electronic componets ML2502 Datasheet HTML 2Page - OKI electronic componets ML2502 Datasheet HTML 3Page - OKI electronic componets ML2502 Datasheet HTML 4Page - OKI electronic componets ML2502 Datasheet HTML 5Page - OKI electronic componets ML2502 Datasheet HTML 6Page - OKI electronic componets ML2502 Datasheet HTML 7Page - OKI electronic componets ML2502 Datasheet HTML 8Page - OKI electronic componets ML2502 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OKI
ML2502
ML2502 Data Sheet (Revision 8.0)
1
ML2502 DATA SHEET
Preliminary
RECORD/PLAYBACK LSI with
128Kbit Analog Cell Storage Flash Memory
Revision 8.0 Apr. 01, 1999
n GENERAL DESCRIPTION
ML2502 is a record/playback LSI that stores analog signal directly into on-chip Flash memory
(128Kbit Cell) without digital conversion utilizing new Analog Storage technology.
Such
unique features as low voltage operability (2.7 ~ 3.3V), no backup requirement and no external
MCU requirement makes the ML2502 an ideal choice for handy Voice Memo, Message Card,
toys and other consumer applications.
n FEATURES
• On-chip 128Kbit Cell Analog Storage Flash Memory
Program/Erase Cycles
10K cycles
Data Retention Period
10 years
• Record/Playback Control via Switch Input
• Phrasing Mode
Single-phrase or Dual-phrase
• Record/Playback Time Length (At 6.4 kHz sampling frequency)
In Dual-phrase Mode
Max. ap. 10 sec each (Entire memory area divided into 2)
In Single-phrase Mode
Max. ap. 20sec (Using the whole memory area by wiring
REC1 and REC2 pins, PLAY1 and PLAY2 pins together)
• Sampling Frequencies
Selectable from 4.0 kHz, 5.3 kHz, 6.4 kHz
• Built-in Mic. Amplifier with AGC (Auto Gain Control)
• Built-in LPF (Low Pass Filter)
• Built-in Speaker Driver
Allows to use either Piezo or Dynamic speaker by externally setting up an amplitude
ratio.
• On-chip Oscillation Circuit (No requirement for an external oscillator)
• Operating Voltage
2.7V ~ 3.3V
• Operating Temperature -10°C ~ +70°C
• Packaging
30-pin SSOP, Die Form


Similar Part No. - ML2502

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2500 OKI-ML2500 Datasheet
104Kb / 7P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
ML2500B OKI-ML2500B Datasheet
243Kb / 27P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
ML2500BTA OKI-ML2500BTA Datasheet
243Kb / 27P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
logo
Honeywell Solid State E...
ML250BG1PG HONEYWELL-ML250BG1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
ML250BS1PG HONEYWELL-ML250BS1PG Datasheet
205Kb / 2P
High value and outstanding performance No internal elastomeric seals
More results

Similar Description - ML2502

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2500 OKI-ML2500 Datasheet
104Kb / 7P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
logo
Samsung semiconductor
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
logo
OKI electronic componet...
ML2500B OKI-ML2500B Datasheet
243Kb / 27P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
logo
Artesyn Technologies
BXA15 ARTESYN-BXA15 Datasheet
216Kb / 4P
Design Note 100 Rev. 01 - Feb. 1999
logo
SPANSION
AM70PDL127CDH SPANSION-AM70PDL127CDH Datasheet
1Mb / 127P
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDLI27BDH SPANSION-AM70PDLI27BDH Datasheet
2Mb / 128P
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
logo
Samsung semiconductor
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
logo
Xilinx, Inc
DS617 XILINX-DS617 Datasheet
2Mb / 88P
MultiBoot Bitstream, Design Revision Storage
logo
Keysight Technologies
4082F KEYSIGHT-4082F Datasheet
324Kb / 23P
Flash Memory Cell Parametric Test System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com