| Electronic Components Datasheet Search |
|
ML2502 Datasheet(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2502 Datasheet(HTML) 4 Page - OKI electronic componets |
|
4 / 20 page ![]() OKI ML2502 ML2502 Data Sheet (Revision 8.0) 4 n Record/Playback Operation ML2502 has two record/playback modes, Dual-phrase record/playback mode and Single- phrase record/playback mode. While in Dual-phrase record/playback mode the total memory space is divided evenly into two areas for 2-phrase record/playback, the entire memory space is used for one phrase record/playback in Single-phrase record/playback mode. In Dual-phrase record/playback mode the first half of the memory, i.e. from the top address up to the center address, is assigned to Phrase 1, and the second half, i.e. from the center address to the last address, is assigned to Phrase 2. Record/playback of Phrase 1 can be controlled via the REC1 and PLAY1 pins, while Phrase 2 can be controlled via the REC2 and PLAY2 pins respectively. In Single-phrase mode record/playback must be performed with the REC1 being connected to the REC2 pin and the PLAY1 being connected to the PLAY2 pin respectively. In both playback modes repetitive playback function for the same phrase is available. 1. Dual-Phrase Record/Playback Mode 1.1 Phrase 1 Recording Operation (1) Keep on inputting “H” level to the REC1 pin to power up and start recording from the top address of the memory. Recording goes on while the REC1 pin being held “H” level. (2) The LSI automatically ends recording when the center address has been reached. (3) The LSI automatically shifts to low-power consumption mode after recording ends. (4) To stop recording for phrase 1 before reaching the center address, bring the REC1 pin down to “L” level. The LSI automatically shifts to low-power consumption mode after recording stops. (5) During recording operation any signal input to other pins than the REC1 is disregarded. Note: Re-recording always causes to overwrite the existing recording data for a given phrase. Figure 1.1 Timing Chart for Phrase 1 Recording Operation Start Stop Invalid Input Stopping Process Power Down Powering Up Recording Power Down Powering Down MON REC2 REC1 Status |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |