Electronic Components Datasheet Search
  English  ▼

X  

ML2502 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML2502
Description  128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2502 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML2502 Datasheet HTML 8Page - OKI electronic componets ML2502 Datasheet HTML 9Page - OKI electronic componets ML2502 Datasheet HTML 10Page - OKI electronic componets ML2502 Datasheet HTML 11Page - OKI electronic componets ML2502 Datasheet HTML 12Page - OKI electronic componets ML2502 Datasheet HTML 13Page - OKI electronic componets ML2502 Datasheet HTML 14Page - OKI electronic componets ML2502 Datasheet HTML 15Page - OKI electronic componets ML2502 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
OKI
ML2502
ML2502 Data Sheet (Revision 8.0)
12
n ABSOLUTE MAXIMUM RATINGS
n RECOMMENDED OPERATING RANGES
n ELECTRICAL CHARACTERISTICS
• DC Characteristics
Note:
1. Applicable only to those input pins without a pull-down resistor.
2. Applicable only to those input pins with a pull-down resistor. (REC1, REC2, PLAY1,
PLAY2, ERASE pins)
Parameter
Symbol
Conditions
Unit
VDD
TOP
DGND=AGND=0V
V
°C
Range
Power Supply Voltage
Operating Temperature
2.7 ~ 3.3
-10 ~ + 70
—
Parameter
Symbol
Conditions
Unit
VDD
TSTG
Ta = 25°C
—
V
°C
Rating
Power Supply Voltage
Storage Temperature
-0.3 ~ +6.0
-0.3 ~ VDD + 0.3
Input Voltage
VIN
V
-55 ~ +150
Parameter
Symbol
Conditions
Unit
Max.
Typ.
Min.
VIH
DGND=AGND=0V
"L" Input Voltage
"H" Input Voltage
—
—
—
0.45
40
10
TBD
—
0.8 X VDD
-10
10
V
V
mA
—
IOH=40µA
IOL=2mA
SPOUT Output
No Load
VIL=0V
VIH=VDD
DVDD=AVDD=2.7V ~ 3.3V,DGND=AGND=0V,Ta= -10 ~ +70°C
"L" Output Voltage
"H" Output Voltage
"L" Input Current *1
"H" Input Current *1
Operating Current
Consumption
Powerdown Current
Consumption
VIL
VOH
VOL
IIH1
IIL1
IDD
IDDS1
µA
0.2 X VDD
—
VDD - 0.3
µA
V
V
—
µA
µA
100
—
"L" Input Current *2
"H" Input Current *2
IIH2
IIL2
IDDS2
Ta= -10 ~ +50°C
Ta= +50 ~ +70°C
µA
µA
100
VIL=0V
VIH=3.0V
10
-10
—
—
—
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com