Electronic Components Datasheet Search
  English  ▼

X  

ML9060 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML9060
Description  1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9060 Datasheet(HTML) 4 Page - OKI electronic componets

  ML9060 Datasheet HTML 1Page - OKI electronic componets ML9060 Datasheet HTML 2Page - OKI electronic componets ML9060 Datasheet HTML 3Page - OKI electronic componets ML9060 Datasheet HTML 4Page - OKI electronic componets ML9060 Datasheet HTML 5Page - OKI electronic componets ML9060 Datasheet HTML 6Page - OKI electronic componets ML9060 Datasheet HTML 7Page - OKI electronic componets ML9060 Datasheet HTML 8Page - OKI electronic componets ML9060 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ML9060
¡ Semiconductor
4/17
ELECTRICAL CHARACTERISTICS
DC Characteristics
"H" Input voltage
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pin
VIH1 *1
0.7VDD
—VDD
V
DATA IN
CLOCK IN
LOAD IN
SEG-TEST IN
BLANK IN
M/S, D/S
OSC1, OSC I/E
VIH2 *2
—
0.8VDD
—VDD
"L" Input voltage
VIL1 *1
—
GND
—
0.3VDD
V
VIL2 *2
GND
—
0.2VDD
Input leakage current 1
IL1
VI = VDD or 0V
——
±1.0
mA
Input leakage current 2
IL2
VI = VDD or 0V
D/S = "H"
M/S = "L"
±10
mA
SYNC
——
"H" Output
voltage
VOHS
IO = –30mAVLCD–0.2
—
—
V
SEG1 to SEG160
VOHC *3 IO = –150mAVLCD–0.2
—
—
V
COM A, COM B
VOHL1
IO = –100mA
0.9VDD
V
DATA OUT
CLOCK OUT
LOAD OUT
SEG-TEST OUT
BLANK OUT
COM OUT
SYNC
——
VOHL2
IO = –200mA
0.9VDD
—
—
V
OSC2
"M" Output
voltage
VOMC *3 IO = ±150mA
1/2VLCD
–0.15
1/2VLCD
1/2VLCD
+0.15
V
COM A, COM B
VOLS
IO = 30mA
—
—
0.2
V
VOLC *3 IO = 150mA
—
—
0.2
V
DATA OUT
CLOCK OUT
LOAD OUT
SEG-TEST OUT
BLANK OUT
COM OUT
SYNC
VOLL1
IO = 100mA
—
—
0.1VDD
V
VOLL2
IO = 200mA
—
—
0.1VDD
V
OSC2
Output
resistance
RSEG
—
—
10
kW
SEG1 to SEG160
RCOM
—
—
1.5
kW
COM A, COM B
Segment
Common
Logic
Common
Segment
Common
Logic
Segment
Common
SEG1 to SEG160
COM A, COM B
(VDD = 2.7 to 5.5V, VLCD = 4.5 to 16V, Ta = –40 to +85°C)
"L" Output
voltage
"M": Middle level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com