Electronic Components Datasheet Search
  English  ▼

X  

ML9060 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML9060
Description  1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9060 Datasheet(HTML) 5 Page - OKI electronic componets

  ML9060 Datasheet HTML 1Page - OKI electronic componets ML9060 Datasheet HTML 2Page - OKI electronic componets ML9060 Datasheet HTML 3Page - OKI electronic componets ML9060 Datasheet HTML 4Page - OKI electronic componets ML9060 Datasheet HTML 5Page - OKI electronic componets ML9060 Datasheet HTML 6Page - OKI electronic componets ML9060 Datasheet HTML 7Page - OKI electronic componets ML9060 Datasheet HTML 8Page - OKI electronic componets ML9060 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ML9060
¡ Semiconductor
5/17
*1: Applicable to the DATA IN, LOAD IN, SEG-TEST IN, M/S, D/S, and OSC I/E pins.
*2: Applicable to the CLOCK IN, OSC1, and BLANK IN pins.
*3: Applicable to the voltage drop when the current flows into or out of one COM pin.
*4: The power supply current consumption will be determined finally at the end of sample
evaluations.
The LCD display data of “0” and “1” are input alternately.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
pin
IDDS1
——
TBD
mA
Static supply current *4
D/S = "L" (Static)
Fix other input levels
at either "H" or "L"
Oscillator stopped
No load
VDD
IDDS2
——
TBD
mA
D/S = "H" (1/2duty)
Fix other input levels
at either "H" or "L"
Oscillator stopped
No load
VDD
ILCDS1
——
TBD
mA
D/S = "L" (Static)
Fix other input levels
at either "H" or "L"
Oscillator stopped
No load
VLCD
ILCDS2
——
TBD
mA
D/S = "H" (1/2duty)
Fix other input levels
at either "H" or "L"
Oscillator stopped
No load
VLCD
IDD1
——
TBD
mA
Dynamic supply current *4
VDD = 5.5V
D/S = "L" (Static)
OSC1 is Open
OSC2 is connected to OSCR
Other inputs are "H" or "L"
No load
VDD
IDD2
——
TBD
mA
VDD = 5.5V
D/S = "H" (1/2duty)
OSC1 is Open
OSC2 is connected to OSCR
Other inputs are "H" or "L"
No load
VDD
ILCD1
——
TBD
mA
VDD = 5.5V
D/S = "L" (Static)
OSC1 is Open
OSC2 is connected to OSCR
Other inputs are "H" or "L"
No load
VLCD
ILCD2
——
TBD
mA
VDD = 5.5V
D/S = "H" (1/2duty)
OSC1 is Open
OSC2 is connected to OSCR
Other inputs are "H" or "L"
No load
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com