Electronic Components Datasheet Search
  English  ▼

X  

ML9060 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML9060
Description  1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9060 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9060 Datasheet HTML 1Page - OKI electronic componets ML9060 Datasheet HTML 2Page - OKI electronic componets ML9060 Datasheet HTML 3Page - OKI electronic componets ML9060 Datasheet HTML 4Page - OKI electronic componets ML9060 Datasheet HTML 5Page - OKI electronic componets ML9060 Datasheet HTML 6Page - OKI electronic componets ML9060 Datasheet HTML 7Page - OKI electronic componets ML9060 Datasheet HTML 8Page - OKI electronic componets ML9060 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ML9060
¡ Semiconductor
1/17
This version: Feb. 1999
GENERAL DESCRIPTION
The ML9060 consists of a 320-bit shift register, a 320-bit data latch, 160 sets of LCD drivers, and
a common signal generator circuit.
The LCD display data is input serially to the shift register from the DATA IN pin in
synchronization with the CLOCK IN signal, and is stored in the data latch by the LOAD IN
signal.
The LCD display data stored in the data latch is output via the LCD drivers.
A maximum of 160 segments of LCD can be driven in static display mode and a maximum of
320 segments can be driven directly in the 1/2 duty display mode.
It is possible to select the mode of using the internal oscillator circuit or the mode of using an
external clock for the common signal generator circuit. The ML9060 also outputs the sync signal
during the 1/2 duty display mode.
FEATURES
• Logic power supply
: 2.7 to 5.5V
• LCD Driving voltage
: 4.5 to 16V
• Maximum number of segments that can be driven:
Static display mode
: 160 segments
1/2 Duty display mode : 320 segments
• Serial transfer clock
: 1 MHz max.
• The microcontroller interface consists of the three signals DATA IN, CLOCK IN, and LOAD
IN.
• An RC oscillator circuit is built in which can use either an external resistor or the internal
resistor.
• Cascade connection of several ICs is possible.
• Built-in common signal generator circuit.
• Built-in common output mid-level voltage generator circuit.
• Input for turning all segments ON is available (SEG-TEST IN).
• Input for turning all segments OFF is available (BLANK IN).
• Gold bump chip
Product name: ML9060DVWA
¡ Semiconductor
ML9060
1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
E2B0051-19-22
Prelim
inary


Similar Part No. - ML9060

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML90.200 PULS-ML90.200 Datasheet
120Kb / 2P
24V 3.75A, TWO-PHASE INPUT
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-AXX OKI-ML9040-AXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-BXX OKI-ML9040-BXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results

Similar Description - ML9060

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
Static 1/2 1/3 1/4 Duty LCD Driver
logo
List of Unclassifed Man...
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com