Electronic Components Datasheet Search
  English  ▼

X  

ML9060 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9060
Description  1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9060 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9060 Datasheet HTML 2Page - OKI electronic componets ML9060 Datasheet HTML 3Page - OKI electronic componets ML9060 Datasheet HTML 4Page - OKI electronic componets ML9060 Datasheet HTML 5Page - OKI electronic componets ML9060 Datasheet HTML 6Page - OKI electronic componets ML9060 Datasheet HTML 7Page - OKI electronic componets ML9060 Datasheet HTML 8Page - OKI electronic componets ML9060 Datasheet HTML 9Page - OKI electronic componets ML9060 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ML9060
¡ Semiconductor
6/17
* : The specifications of the internal Rf clock frequency and the external Rf clock frequency will
be determined finally at the end of sample evaluations.
Switching Characteristics
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Applicable pin
fCP1
—
—
25.6 kHz
OSC IN Clock frequency
(external input)
The clock is input to the
OSC1 pin. The pins OSC2
and OSCR are left open.
OSC I/E = "L"
OSC1
(VDD = 2.7 to 5.5V, VLCD = 4.5 to 16V, Ta = –40 to +85°C)
tWCP1
50——
µs
Clock pulse width
(external input)
OSC1
fOSC1
7.7
12.8 20.5 kHz
External Rf clock
frequency
(internal oscillations)
An Rf of 120k W
±2% is
connected between OSC1
and OSC2. OSCR is left
open. OSC I/E = 'H"
OSC1, OSC2
fOSC2
7.7
12.8 20.5 kHz
Internal Rf clock frequency
(with the built-in oscillator)
OSC1 open. OSC2 and
OSCR shorted. OSC I/E
tied to VDD or any "H" level.
OSC1, OSCR,
OSC2
fCP2
—
—
1
MHz
Data clock frequency
CLOCK IN
tWCP2
100
—
—
ns
Data clock pulse width
CLOCK IN
tSU
50——
ns
Data setup time
DATA IN
tHD
50——
ns
Data hold time
CLOCK IN
tCL
100
—
—
ns
CLOCK to LOAD
Period
CLOCK IN
tLC
100
—
—
ns
LOAD to CLOCK
Period
LOAD IN
tWLD
100
—
—
ns
LOAD Pulse width
LOAD IN
tPLH
tPHL
——50
ns
CLOCK IN to
DATA OUT delay time
CL=15pF
CLOCK IN
DATA OUT
tDIO
——20
ns
IN to OUT delay time
No load
CLOCK IN/OUT
LOAD IN/OUT
SEG-TEST IN/OUT
BLANK IN/OUT
tDCS
——40
ns
COM OUT to SYNC
delay time
CL=15pF
COM OUT
SYNC
tR
——50
ns
Input signal rise time
All inputs other than
the OSCR input
tF
——50
ns
Input signal fall time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com