Electronic Components Datasheet Search
  English  ▼

X  

ML9060 Datasheet(PDF) 10 Page - OKI electronic componets

Part # ML9060
Description  1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9060 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button ML9060 Datasheet HTML 6Page - OKI electronic componets ML9060 Datasheet HTML 7Page - OKI electronic componets ML9060 Datasheet HTML 8Page - OKI electronic componets ML9060 Datasheet HTML 9Page - OKI electronic componets ML9060 Datasheet HTML 10Page - OKI electronic componets ML9060 Datasheet HTML 11Page - OKI electronic componets ML9060 Datasheet HTML 12Page - OKI electronic componets ML9060 Datasheet HTML 13Page - OKI electronic componets ML9060 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ML9060
¡ Semiconductor
10/17
• LOAD OUT
This is the output pin for the display data load signal. The load signal that is input to the LOAD
IN pin is output from this pin via a buffer.
• SEG-TEST IN
This is the input pin for making all segments ON. When this pin is “H”, all segment outputs
(SEG1 to SEG160) become ON irrespective of the display data and the Blank signal. When this
pin is made “L”, each of the segment outputs (SEG1 to SEG160) become ON or OFF according
to the display data.
• SEG-TEST OUT
This is the output pin for making all segments ON. The segment ON signal that is input to at
the SEG-TEST IN pin is output via a buffer.
• BLANK IN
This is the input pin for making all segments OFF. When this pin is “H”, all segment outputs
(SEG1 to SEG160) become OFF irrespective of the display data. When this pin is made “L”, each
of the segment outputs (SEG1 to SEG160) becomes ON or OFF according to the display data. The
BLANK IN is valid when the segment ON signal is "L".
• BLANK OUT
This is the output pin for making all segments OFF. The segment OFF signal that is input to the
BLANK IN pin is output via a buffer.
• SEG1 to SEG160
These are the signal outputs for driving the LCD segments and are connected to the corresponding
segment pins of the LCD panel.
During the Static mode of operation:
The SEGn output corresponds to bit n of the display data in the data latch A. The display data
in the data latch B becomes invalid. In the segment ON condition, a signal with a phase opposite
to that of the COM OUT signal is output from these pins. In the segment OFF condition, a signal
with a phase identical to that of the COM OUT signal is output from these pins.
During the 1/2 duty dynamic display mode of operation:
The SEGn output corresponds to bit n of the display data in the data latch A when COM A has
been selected and to bin n of the display data in the data latch B when COM B has been selected.
In the segment display ON condition, a signal opposite in phase to that of the selected COM
output is output from these pins. In the segment display OFF condition, a signal identical in
phase to that of the selected COM output is output from these pins.
• COM A, COM B
These are the outputs for LCD display and are connected to the common pins of the LCD panel.
During the Static mode of operation:
COM A and COM B both output a signal with the same phase as that of the COM OUT signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com