Electronic Components Datasheet Search
  English  ▼

X  

AD9116 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9116
Description  Dual Low Power Digital-to-Analog Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9116 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9116 Datasheet HTML 28Page - Analog Devices AD9116 Datasheet HTML 29Page - Analog Devices AD9116 Datasheet HTML 30Page - Analog Devices AD9116 Datasheet HTML 31Page - Analog Devices AD9116 Datasheet HTML 32Page - Analog Devices AD9116 Datasheet HTML 33Page - Analog Devices AD9116 Datasheet HTML 34Page - Analog Devices AD9116 Datasheet HTML 35Page - Analog Devices AD9116 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
AD9114/AD9115/AD9116/AD9117
Data Sheet
Rev. D | Page 32 of 52
THEORY OF OPERATION
I DAC
Q DAC
AUX1DAC
AUX2DAC
BAND
GAP
CLOCK
DIST
10k
Ω
QRSET
2k
Ω
IRSET
2k
Ω
IREF
100µA
IRCM
60
Ω TO
260
Ω
QRCM
60
Ω TO
260
Ω
62.5
Ω
62.5
Ω
62.5
Ω
62.5
Ω
SPI
INTERFACE
1 INTO 2
INTERLEAVED
DATA
INTERFACE
I DATA
Q DATA
1.8V
LDO
1V
AD9117
RLIN
IOUTN
IOUTP
RLIP
AVDD
AVSS
RLQP
QOUTP
QOUTN
RLQN
DB11
DB10
DB9
DB8
DVDDIO
DVSS
DVDD
DB7
DB6
DB5
Figure 84. Simplified Block Diagram
Figure 84 shows a simplified block diagram of the AD9114/
AD9115/AD9116/AD9117 that consists of two DACs, digital
control logic, and a full-scale output current control. Each DAC
contains a PMOS current source array capable of providing a
maximum of 20 mA. The arrays are divided into 31 equal currents
that make up the five most significant bits (MSBs). The next four
bits, or middle bits, consist of 15 equal current sources whose
value is 1/16 of an MSB current source. The remaining LSBs are
binary weighted fractions of the current sources of the middle
bits. Implementing the middle and lower bits with current sources,
instead of an R-2R ladder, enhances its dynamic performance for
multitone or low amplitude signals and helps maintain the high
output impedance of the main DACs (that is, >200 MΩ).
The current sources are switched to one or the other of the two
output nodes (IOUTP or IOUTN) via PMOS differential current
switches. The switches are based on the architecture that was
pioneered in the AD976x family, with further refinements to
reduce distortion contributed by the switching transient. This
switch architecture also reduces various timing errors and provides
matching complementary drive signals to the inputs of the
differential current switches.
The analog and digital I/O sections of the AD9114/AD9115/
AD9116/AD9117 have separate power supply inputs (AVDD and
DVDDIO) that can operate independently over a 1.8 V to 3.3 V
range. The core digital section requires 1.8 V. An optional on-chip
LDO is provided for DVDDIO supplies greater than 1.8 V, or the
1.8 V can be supplied directly through DVDD. A 1.0 μF bypass
capacitor at DVDD (Pin 7) is required when using the LDO.
The core is capable of operating at a rate of up to 125 MSPS. It
consists of edge-triggered latches and the segment decoding logic
circuitry. The analog section includes PMOS current sources,
associated differential switches, a 1.0 V band gap voltage
reference, and a reference control amplifier.
Each DAC full-scale output current is regulated by the reference
control amplifier and can be set from 4 mA to 20 mA via an external
resistor, xRSET, connected to its full-scale adjust pin (FSADJx).
The external resistor, in combination with both the reference control
amplifier and voltage reference, VREFIO, sets the reference current,
IxREF, which is replicated to the segmented current sources with the
proper scaling factor. The full-scale current, IxOUTFS, is 32 × IxREF.
Optional on-chip xRSET resistors are provided that can be pro-
grammed between a nominal value of 1.6 kΩ to 8 kΩ (20 mA to
4 mA IxOUTFS, respectively).
The AD9114/AD9115/AD9116/AD9117 provide the option of
setting the output common mode to a value other than AGND via
the output common-mode pin (CMLI and CMLQ). This facilitates
directly interfacing the output of the AD9114/AD9115/AD9116/
AD9117 to components that require common-mode levels greater
than 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com