Electronic Components Datasheet Search
  English  ▼

X  

AD9116 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9116
Description  Dual Low Power Digital-to-Analog Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9116 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9116 Datasheet HTML 25Page - Analog Devices AD9116 Datasheet HTML 26Page - Analog Devices AD9116 Datasheet HTML 27Page - Analog Devices AD9116 Datasheet HTML 28Page - Analog Devices AD9116 Datasheet HTML 29Page - Analog Devices AD9116 Datasheet HTML 30Page - Analog Devices AD9116 Datasheet HTML 31Page - Analog Devices AD9116 Datasheet HTML 32Page - Analog Devices AD9116 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Data Sheet
AD9114/AD9115/AD9116/AD9117
Rev. D | Page 29 of 52
CENTER 22.90MHz
VBW 300kHz
SPAN 38.84MHz
STEP
2dB
INPUT ATT
8.00dB
TOTAL CARRIER POWER –15.23dBm/7.87420MHz
REF CARRIER POWER –18.09dBm/4.03420MHz
RCC FILTER: OFF
FILTER ALPHA 0.22
1. –18.09dBm 5.000MHz 3.840MHz –72.11 –90.24 –71.97 –90.09
2. –18.40dBm 10.00MHz 3.840MHz –72.98 –91.10 –72.55 –90.68
15.00MHz 3.840MHz –69.93 –88.05 –72.30 –90.42
OFFSET
FREQ
INTEG
BW
dBc
dBm
dBc
LOWER
UPPER
dBm
RES BW 30kHz
SWEEP 126ms (601pts)
AC COUPLED: UNSPECIFIED
BELOW 20MHz
Figure 72. AD9117 ACLR Two-Carrier, 1.8 V
–74
–68
–62
–56
–50
15
20
25
30
35
40
fOUT (MHz)
4mA PRECAL
4mA POSTCAL
8mA PRECAL
8mA POSTCAL
Figure 73. AD9117 Two-Carrier W-CDMA First ACLR vs. fOUT, 1.8 V
–74
–68
–62
–56
–50
15
20
25
30
35
40
fOUT (MHz)
4mA PRECAL
4mA POSTCAL
8mA PRECAL
8mA POSTCAL
Figure 74. AD9117 Two-Carrier W-CDMA Second ACLR vs. fOUT, 1.8 V
CENTER 22.90MHz
VBW 300kHz
SPAN 38.84MHz
STEP
2dB
INPUT ATT
8.00dB
TOTAL CARRIER POWER –15.23dBm/7.87420MHz
REF CARRIER POWER –18.09dBm/4.03420MHz
RCC FILTER: OFF
FILTER ALPHA 0.22
1. –18.09dBm 5.000MHz 3.840MHz –72.11 –90.24 –71.97 –90.09
2. –18.40dBm 10.00MHz 3.840MHz –72.98 –91.10 –72.55 –90.68
15.00MHz 3.840MHz –69.93 –88.05 –72.30 –90.42
OFFSET
FREQ
INTEG
BW
dBc
dBm
dBc
LOWER
UPPER
dBm
RES BW 30kHz
SWEEP 126ms (601pts)
AC COUPLED: UNSPECIFIED
BELOW 20MHz
Figure 75. AD9117 ACLR Two-Carrier, 3.3 V
–74
–68
–62
–56
–50
15
20
25
30
35
40
fOUT (MHz)
4mA PRECAL
4mA POSTCAL
8mA PRECAL
8mA POSTCAL
16mA PRECAL
16mA POSTCAL
Figure 76. AD9117 Two-Carrier W-CDMA First ACLR vs. fOUT, 3.3 V
–74
–68
–62
–56
–50
15
20
25
30
35
40
fOUT (MHz)
4mA PRECAL
4mA POSTCAL
8mA PRECAL
8mA POSTCAL
16mA PRECAL
16mA POSTCAL
Figure 77. AD9117 Two-Carrier W-CDMA Second ACLR vs. fOUT, 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com