Electronic Components Datasheet Search
  English  ▼

X  

AD9116 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9116
Description  Dual Low Power Digital-to-Analog Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9116 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9116 Datasheet HTML 23Page - Analog Devices AD9116 Datasheet HTML 24Page - Analog Devices AD9116 Datasheet HTML 25Page - Analog Devices AD9116 Datasheet HTML 26Page - Analog Devices AD9116 Datasheet HTML 27Page - Analog Devices AD9116 Datasheet HTML 28Page - Analog Devices AD9116 Datasheet HTML 29Page - Analog Devices AD9116 Datasheet HTML 30Page - Analog Devices AD9116 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Data Sheet
AD9114/AD9115/AD9116/AD9117
Rev. D | Page 27 of 52
42
50
58
66
74
82
90
98
0
5
10
15
20
25
30
35
40
45
50
55
60
fOUT (MHz)
0dB
–6dB
–3dB
Figure 60. AD9117 SFDR at Three Digital Signal Levels vs. fOUT, 1.8 V
42
48
54
60
66
72
78
84
90
96
0
1020
3040
5060
fOUT (MHz)
4mA
8mA
Figure 61. AD9117 SFDR at Two Currents vs. fOUT, 1.8 V
CENTER 22.90MHz
TOTAL CARRIER POWER –12.17dBm/7.87420MHz
REF CARRIER POWER –12.17dBm/4.03420MHz
RCC FILTER: OFF
FILTER ALPHA 0.22
1. –12.17dBm 5.000MHz 3.840MHz –77.40 –89.56 –78.68 –90.84
2. –80.85dBm 10.00MHz 3.840MHz –78.90 –91.06 –78.27 –90.43
15.00MHz 3.840MHz –78.02 –90.18 –70.99 –83.15
VBW 300kHz
OFFSET
FREQ
INTEG
BW
dBc
dBm
dBc
LOWER
UPPER
dBm
SPAN 38.84MHz
RES BW 30kHz
SWEEP 126ms (601pts)
STEP
2dB
AC COUPLED: UNSPECIFIED
BELOW 20MHz
INPUT ATT
8.00dB
Figure 62. AD9117 ACLR One-Carrier, 1.8 V
50
58
66
74
82
90
98
0
5
10
15
20
25
30
35
40
45
50
55
60
fOUT (MHz)
0dB
–6dB
–3dB
Figure 63. AD9117 SFDR at Three Digital Signal Levels vs. fOUT., 3.3 V
42
48
54
60
66
72
78
84
90
96
0
10
20304050
60
fOUT (MHz)
4mA
8mA
20mA
Figure 64. AD9117 SFDR at Three Currents vs. fOUT, 3.3V
CENTER 22.90MHz
VBW 300kHz
SPAN 38.84MHz
STEP
2dB
INPUT ATT
8.00dB
TOTAL CARRIER POWER –12.17dBm/7.87420MHz
REF CARRIER POWER –12.17dBm/4.03420MHz
RCC FILTER: OFF
FILTER ALPHA 0.22
1. –12.17dBm 5.000MHz 3.840MHz –77.40 –89.56 –78.68 –90.84
2. –80.85dBm 10.00MHz 3.840MHz –78.90 –91.06 –78.27 –90.43
15.00MHz 3.840MHz –78.02 –90.18 –70.99 –83.15
OFFSET
FREQ
INTEG
BW
dBc
dBm
dBc
LOWER
UPPER
RES BW 30kHz
SWEEP 126ms (601pts)
AC COUPLED: UNSPECIFIED
BELOW 20MHz
Figure 65. AD9117 ACLR One-Carrier, 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com