Electronic Components Datasheet Search
  English  ▼

X  

AD9116 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9116
Description  Dual Low Power Digital-to-Analog Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9116 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9116 Datasheet HTML 36Page - Analog Devices AD9116 Datasheet HTML 37Page - Analog Devices AD9116 Datasheet HTML 38Page - Analog Devices AD9116 Datasheet HTML 39Page - Analog Devices AD9116 Datasheet HTML 40Page - Analog Devices AD9116 Datasheet HTML 41Page - Analog Devices AD9116 Datasheet HTML 42Page - Analog Devices AD9116 Datasheet HTML 43Page - Analog Devices AD9116 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
AD9114/AD9115/AD9116/AD9117
Data Sheet
Rev. D | Page 40 of 52
DIGITAL INTERFACE OPERATION
Digital data for the I and Q DACs is supplied over a single
parallel bus (DB[n:0], where n is 7 for the AD9114, is 9 for the
AD9115, is 11 for the AD9116, and 13 for the AD9117)
accompanied by a qualifying clock (DCLKIO). The I and Q
data are provided to the chip in an interleaved double data rate
(DDR) format. The maximum guaranteed data rate is 250 MSPS
with a 125 MHz clock. The order of data pairing and the sampling
edge selection is user programmable using the IFIRST and
IRISING data control bits, resulting in four possible timing
diagrams. These timing diagrams are shown in Figure 89,
Figure 90, Figure 91, and Figure 92.
DCLKIO
NOTES:
1. DB[n:0], WHERE n IS 7 FOR THE AD9114, 9 FOR THE AD9115, 11 FOR THE
AD9116, AND 13 FOR THE AD9117.
DB[n:0]
Z
A
B
C
D
E
F
G
H
I DATA
Z
B
D
F
Q DATA
Y
A
C
E
Figure 89. Timing Diagram with IFIRST = 0, IRISING = 0
DCLKIO
ZA
B
C
D
E
F
G
H
I DATA
Y
A
C
E
Q DATA
X
Z
B
D
NOTES:
1. DB[n:0], WHERE n IS 7 FOR THE AD9114, 9 FOR THE AD9115, 11 FOR THE
AD9116, AND 13 FOR THE AD9117.
DB[n:0]
Figure 90. Timing Diagram with IFIRST = 0, IRISING = 1
DCLKIO
ZA
B
C
D
E
F
G
H
I DATA
Z
B
D
F
Q DATA
A
C
E
G
NOTES:
1. DB[n:0], WHERE n IS 7 FOR THE AD9114, 9 FOR THE AD9115, 11 FOR THE
AD9116, AND 13 FOR THE AD9117.
DB[n:0]
Figure 91. Timing Diagram with IFIRST = 1, IRISING = 0
DCLKIO
ZA
B
C
D
E
F
G
H
I DATA
Y
A
C
E
Q DATA
Z
B
D
F
NOTES:
1. DB[n:0], WHERE n IS 7 FOR THE AD9114, 9 FOR THE AD9115, 11 FOR THE
AD9116, AND 13 FOR THE AD9117.
DB[n:0]
Figure 92. Timing Diagram with IFIRST = 1, IRISING = 1
Ideally, the rising and falling edges of the clock fall in the center
of the keep-in window formed by the setup and hold times, tS
and tH. Refer to Table 2 for setup and hold times. A detailed
timing diagram is shown in Figure 93.
DCLKIO
DB[n:0]
tS tH
tS tH
NOTES:
1. DB[n:0], WHERE n IS 7 FOR THE AD9114, 9 FOR THE
AD9115, 11 FOR THE AD9116, AND 13 FOR THE AD9117.
Figure 93. Setup and Hold Times for All Input Modes
In addition to the different timing modes listed in Table 2, the
input data can also be presented to the device in either unsigned
binary or twos complement format. The format type is chosen
via the TWOS data control bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com