Electronic Components Datasheet Search
  English  ▼

X  

AD9116 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9116
Description  Dual Low Power Digital-to-Analog Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9116 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9116 Datasheet HTML 44Page - Analog Devices AD9116 Datasheet HTML 45Page - Analog Devices AD9116 Datasheet HTML 46Page - Analog Devices AD9116 Datasheet HTML 47Page - Analog Devices AD9116 Datasheet HTML 48Page - Analog Devices AD9116 Datasheet HTML 49Page - Analog Devices AD9116 Datasheet HTML 50Page - Analog Devices AD9116 Datasheet HTML 51Page - Analog Devices AD9116 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Data Sheet
AD9114/AD9115/AD9116/AD9117
Rev. D | Page 49 of 52
Two registers are assigned to each DAC with 10 bits for the
actual DAC current to be generated, a 3-bit offset (and gain)
adjustment, a 2-bit current range adjustment, and an enable/
disable bit. Setting the QAUXOFS (Register 0x0A) and
IAUXOFS (Register 0x0C) bits to all 1s disables the respective
op amp and routes the DAC current directly to the respective
FSADJI/AUXI or FSADJQ/AUXQ pins. This is especially useful
when the loads to be driven are beyond the limited capability of
the on-chip amplifier.
When not enabled (QAUXEN or IAUXEN = 0), the respective
DAC output is in open circuit.
DAC-TO-MODULATOR INTERFACING
The auxiliary DACs can be used for local oscillator (LO)
cancellation when the DAC output is followed by a quadrature
modulator. This LO feedthrough is caused by the input referred
dc offset voltage of the quadrature modulator (and the DAC
output offset voltage mismatch) and can degrade system
performance. Typical DAC-to-quadrature modulator interfaces
are shown in Figure 107 and Figure 108, with the series resistor
value chosen to give an appropriate adjustment range. Figure 107
also shows external load resistors in use. Often, the input common-
mode voltage for the modulator is much higher than the output
compliance range of the DAC, so that ac coupling or a dc level
shift is necessary. If the required common-mode input voltage
on the quadrature modulator matches that of the DAC, the dc
blocking capacitors in Figure 107 can be removed and the on-chip
resistors can be connected.
AD9114/AD9115/
AD9116/AD9117
AUXDAC1
AD9114/AD9115/
AD9116/AD9117
I DAC
5k
Ω
TO
100k
Ω
50
Ω
50
Ω
OPTIONAL
PASSIVE
FILTERING
MODULATOR V+
QUADRATURE
MODULATOR
I OR Q
INPUTS
0.1µF
0.1µF
Figure 107. Typical Use of Auxiliary DACs
Figure 108 shows a greatly simplified circuit that takes full
advantage of the internal components supplied in the DAC.
A low-pass or band-pass passive filter is recommended when
spurious signals from the DAC (distortion and DAC images) at the
quadrature modulator inputs can affect the system performance. In
the example shown in Figure 108, the filter must be able to pass dc
to properly bias the modulator. Placing the filter at the location
shown in Figure 107 and Figure 108 allows easy design of the filter,
because the source and load impedances can easily be designed
close to 50 Ω for a 20 mA full-scale output. When the resistance
at the modulator inputs is known, an optimum value for the
series resistor can be calculated from the modulator input
offset voltage ratings.
AD9114/AD9115/
AD9116/AD9117
AUXDAC
AD9114/AD9115/
AD9116/AD9117
I OR Q DAC
5k
Ω
50
Ω
50
Ω
100
Ω
OPTIONAL
LOW- PASS
FILTERING
ADL5370
FAMILY
I OR Q INPUTS
Figure 108. Typical Use of Auxiliary DACs When DC Coupling to Quadrature
Modulator ADL537x Family
CORRECTING FOR NONIDEAL PERFORMANCE OF
QUADRATURE MODULATORS ON THE IF-TO-RF
CONVERSION
Analog quadrature modulators make it very easy to realize
single sideband radios. These DACs are most often used to make
radio transmitters, such as in cell phone towers. However, there
are several nonideal aspects of quadrature modulator performance.
Among these analog degradations are gain mismatch and LO
feedthrough.
Gain Mismatch
The gain in the real and imaginary signal paths of the quadrature
modulator may not be matched perfectly. This leads to less than
optimal image rejection because the cancellation of the negative
frequency image is less than perfect.
LO Feedthrough
The quadrature modulator has a finite dc referred offset, as well
as coupling from its LO port to the signal inputs. These can lead
to a significant spectral spur at the frequency of the quadrature
modulator LO.
The AD9114/AD9115/AD9116/AD9117 have the capability to
correct for both of these analog degradations. However, understand
that these degradations drift over temperature; therefore, if close to
optimal single sideband performance is desired, a scheme for
sensing these degradations over temperature and correcting
them may be necessary.
I/Q CHANNEL GAIN MATCHING
Fine gain matching is achieved by adjusting the values in the DAC
fine gain adjustment registers. For the I DAC, these values are in
the I DAC Gain register (Register 0x03, I DACGAIN[5:0]). For the
Q DAC, these values are in the Q DAC gain register (Register 0x06,
Q DACGAIN[5:0]). These are 6-bit values that cover ±2% of full
scale. To perform gain compensation by starting from the default
values of zero, raise the value of one of these registers a few steps
until it can be determined if the amplitude of the unwanted
image is increased or decreased. If the unwanted image increases in
amplitude, remove the step and try the same adjustment on the
other DAC control register. Iterate register changes until the
rejection cannot be improved further. If the fine gain adjustment
range is not sufficient to find a null (that is, the register goes full
scale with no null apparent), adjust the course gain settings of the
two DACs accordingly and try again. Variations on this simple
method are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com