Electronic Components Datasheet Search
  English  ▼

X  

AD9116 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9116
Description  Dual Low Power Digital-to-Analog Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9116 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9116 Datasheet HTML 26Page - Analog Devices AD9116 Datasheet HTML 27Page - Analog Devices AD9116 Datasheet HTML 28Page - Analog Devices AD9116 Datasheet HTML 29Page - Analog Devices AD9116 Datasheet HTML 30Page - Analog Devices AD9116 Datasheet HTML 31Page - Analog Devices AD9116 Datasheet HTML 32Page - Analog Devices AD9116 Datasheet HTML 33Page - Analog Devices AD9116 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
AD9114/AD9115/AD9116/AD9117
Data Sheet
Rev. D | Page 30 of 52
–74
–68
–56
–62
–50
20
25
30
35
40
fOUT (MHz)
4mA PRECAL
4mA POSTCAL
8mA PRECAL
8mA POSTCAL
Figure 78. AD9117 Two-Carrier W-CDMA Third ACLR vs. fOUT, 1.8 V
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.5
–0.4
0
CODE
128
256
384
512
640
768
896
1024
Figure 79. AD9114/AD9115/AD9116/AD9117 AUXDAC DNL
CVDD
DVDD
AVDD @ 4mA OUT
AVDD @ 8mA OUT
TOTAL CURRENT @ 4mA OUT
TOTAL CURRENT @ 8mA OUT
40
30
20
10
0
0
20
40
60
80
100
120
140
fDAC (MHz)
Figure 80. AD9114/AD9115/AD9116/AD9117 Supply Current vs. fDAC, 1.8 V
–74
–68
–56
–62
–50
20
25
30
35
40
fOUT (MHz)
4mA PRECAL
4mA POSTCAL
8mA PRECAL
8mA POSTCAL
16mA PRECAL
16mA POSTCAL
Figure 81. AD9117 Two-Carrier W-CDMA Third ACLR vs. fOUT, 3.3 V
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–1.0
–0.8
0
CODE
128
256
384
512
640
768
896
1024
Figure 82. AD9114/AD9115/AD9116/AD9117 AUXDAC INL
0
10
20
30
40
50
60
70
80
0
20406080
100
120
140
fDAC (MHz)
CVDD
DVDD
AVDD @ 20mA OUT
TOTAL CURRENT @ 20mA OUT
TOTAL CURRENT @ 8mA OUT
TOTAL CURRENT @ 4mA OUT
AVDD @ 8mA OUT
AVDD @ 4mA OUT
Figure 83. AD9114/AD9115/AD9116/AD9117Supply Current vs. fDAC, 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com