Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9173 Datasheet HTML 28Page - Analog Devices AD9173 Datasheet HTML 29Page - Analog Devices AD9173 Datasheet HTML 30Page - Analog Devices AD9173 Datasheet HTML 31Page - Analog Devices AD9173 Datasheet HTML 32Page - Analog Devices AD9173 Datasheet HTML 33Page - Analog Devices AD9173 Datasheet HTML 34Page - Analog Devices AD9173 Datasheet HTML 35Page - Analog Devices AD9173 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
AD9173
Data Sheet
Rev. 0 | Page 32 of 142
Table 20. Data Structure per Lane for F = 4 JESD204B Operating Modes1
JESD204B Mode and
Parameters
Link Logical
Lane
Frame 0
Frame 1
Octet 0
Octet 1
Octet 2
Octet 3
Octet 0
Octet 1
Octet 2
Octet 3
Mode 0 (L = 1, M = 2, S = 1,
NP = 16, N = 16)
Lane 0
M0S0[15:8]
M0S0[7:0]
M1S0[15:8]
M1S0[7:0]
M0S1[15:8]
M0S1[7:0]
M1S1[15:8]
M1S1[7:0]
Mode 1 (L = 2, M = 4, S = 1,
NP = 16, N = 16)
Lane 0
M0S0[15:8]
M0S0[7:0]
M1S0[15:8]
M1S0[7:0]
M0S1[15:8]
M0S1[7:0]
M1S1[15:8]
M1S1[7:0]
Lane 1
M2S0[15:8]
M2S0[7:0]
M3S0[15:8]
M3S0[7:0]
M2S1[15:8]
M2S1[7:0]
M3S1[15:8]
M3S1[7:0]
Mode 2 (L = 3, M = 6, S = 1,
NP = 16, N = 16)
Lane 0
M0S0[15:8]
M0S0[7:0]
M1S0[15:8]
M1S0[7:0]
M0S1[15:8]
M0S1[7:0]
M1S1[15:8]
M1S1[7:0]
Lane 1
M2S0[15:8]
M2S0[7:0]
M3S0[15:8]
M3S0[7:0]
M2S1[15:8]
M2S1[7:0]
M3S1[15:8]
M3S1[7:0]
Lane 2
M4S0[15:8]
M4S0[7:0]
M5S0[15:8]
M5S0[7:0]
M4S1[15:8]
M4S1[7:0]
M5S1[15:8]
M5S1[7:0]
1 Mx is the converter number and Sy is the sample number. For example, M0S0 means Converter 0, Sample 0.
Table 21. Data Structure per Lane for F = 8 JESD204B Operating Modes1
JESD204B Mode and
Parameters
Link Logical
Lane
Frame 0
Octet 0
Octet 1
Octet 2
Octet 3
Octet 4
Octet 5
Octet 6
Octet 7
Mode 7 (L = 1, M = 4, S = 1,
NP = 16, N = 16)
Lane 0
M0S0[15:8]
M0S0[7:0]
M1S0[15:8]
M1S0[7:0]
M2S0[15:8]
M2S0[7:0]
M3S0[15:8]
M3S0[7:0]
1 Mx is the converter number and Sy is the sample number. For example, M0S0 means Converter 0, Sample 0.
PHYSICAL LAYER
The physical layer of the JESD204B interface, hereafter referred
to as the deserializer, has eight identical channels. Each channel
consists of the termination, an equalizer, a clock and data recovery
(CDR) circuit, and the 1:40 demux function (see Figure 50).
EQUALIZER
CDR
1:40
DESERIALIZER
FROM SERDES PLL
SPI
CONTROL
TERMINATION
SERDINx±
Figure 50. Deserializer Block Diagram
JESD204B data is input to the AD9173 via the SERDINx±
differential input pins, per the JESD204B specification.
Interface Power-Up and Input Termination
Before using the JESD204B interface, it must be powered up by
setting Register 0x200, Bit 0 = 0. In addition, each physical lane
(PHY) that is not being used (SERDINx±) must be powered
down. To do so, set the corresponding Bit x for Physical Lane x
in Register 0x201 to 0 if the physical lane is being used, and to 1
if it is not being used.
The AD9173 autocalibrates the input termination to 50 Ω. This
calibration routine is performed automatically when the
JESD204B interface blocks are configured and does not require
any additional SPI register writes.
Receiver Eye Mask
The AD9173 is compatible with the JESD204B specification
regarding the receiver eye mask and is capable of capturing data
that complies with the mask in Figure 51. Figure 51 shows the
receiver eye normalized to the data rate interval. The AD9173
also supports an increased insertion loss limit, as defined in the
Equalization section.
525
55
0
–55
–525
0
1.00
0.35
0.5
0.65
TIME (UI)
RECEIVER EYE MASK
Figure 51. Receiver Eye Mask
Clock Relationships
The following clocks rates are used throughout the rest of the
JESD204B section. The relationship between any of the clocks
can be derived from the following equations:
Data Rate = DAC Rate/Total Interpolation
Lane Rate = (M/L) × NP × (10/8) × Data Rate
Byte Rate = Lane Rate/10
This relationship comes from 8-bit/10-bit encoding, where each
byte is represented by 10 bits.
PCLK Rate = Byte Rate/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com