Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9173 Datasheet HTML 15Page - Analog Devices AD9173 Datasheet HTML 16Page - Analog Devices AD9173 Datasheet HTML 17Page - Analog Devices AD9173 Datasheet HTML 18Page - Analog Devices AD9173 Datasheet HTML 19Page - Analog Devices AD9173 Datasheet HTML 20Page - Analog Devices AD9173 Datasheet HTML 21Page - Analog Devices AD9173 Datasheet HTML 22Page - Analog Devices AD9173 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 142 page
background image
Data Sheet
AD9173
Rev. 0 | Page 19 of 142
–120
–100
–80
–60
–40
–20
0
0
1000
2000
3000
4000
5000
6000
7000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 15. Second Harmonic (dBc) vs. fOUT over Digital Scale (Mode 9),
12 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 12×
–120
–100
–80
–60
–40
–20
0
0
1000
2000
3000
4000
5000
6000
7000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 16. Third Harmonic (dBc) vs. fOUT over Digital Scale (Mode 9),
12 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 12×
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
3000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 17. IMD3 vs. fOUT over Digital Scale (Mode 0) 6 GHz DAC Sample Rate,
Channel Interpolation 2×, Main Interpolation 8×, 1 MHz Tone Spacing
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
fDAC = 2949.12MHz
fDAC = 5898.24MHz
Figure 18. IMD3 vs. fOUT over fDAC (Mode 0), Channel Interpolation 2×,
Main Interpolation 8×, 1 MHz Tone Spacing
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1000
2000
3000
4000
5000
6000
7000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 19. IMD3 vs. fOUT over Digital Scale (Mode 1), 12 GHz DAC Sample Rate,
Channel Interpolation 4×, Main Interpolation 8×, 1 MHz Tone Spacing
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1000
2000
3000
4000
5000
6000
7000
fOUT (MHz)
fDAC = 2949.12MHz
fDAC = 5898.24MHz
fDAC = 9830.4MHz
fDAC = 11796.48MHz
Figure 20. IMD3 vs. fOUT over fDAC (Mode 1), Channel Interpolation 4×,
Main Interpolation 8×, 1 MHz Tone Spacing, −7 dB Digital Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com