Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9173 Datasheet HTML 58Page - Analog Devices AD9173 Datasheet HTML 59Page - Analog Devices AD9173 Datasheet HTML 60Page - Analog Devices AD9173 Datasheet HTML 61Page - Analog Devices AD9173 Datasheet HTML 62Page - Analog Devices AD9173 Datasheet HTML 63Page - Analog Devices AD9173 Datasheet HTML 64Page - Analog Devices AD9173 Datasheet HTML 65Page - Analog Devices AD9173 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 142 page
background image
AD9173
Data Sheet
Rev. 0 | Page 62 of 142
SYNCOUT±, SYSREF±, and CLK± Signals
The SYSREF± signal on the AD9173 is a low speed, LVDS,
differential signal. The SYNCOUTx± signals are LVDS or
CMOS selectable. When LVDS mode is selected, use controlled
impedance traces routed as 100 Ω differential impedance and
50 Ω to ground when routing these signals. As with the
SERDIN0± to SERDIN7± data pairs, it is important to keep
these signals separated from potential noise sources, such as
high speed digital signals and noisy supplies. Separate the
SYNCOUTx± signal from other noisy signals because noise on
the SYNCOUTx± may be interpreted as a request for /K/
characters. It is important to keep similar trace lengths for the
CLK± and SYSREF± signals from the clock source to each of
the devices on either end of the JESD204B links (see Figure 86).
If using a clock chip that can tightly control the phase of CLK±
and SYSREF±, the trace length matching requirements are
greatly reduced. The AD9516-0, ADCLK925, and HMC7044
are a few examples of possible clocking solutions depending on
system requirements.
CLOCK SOURCE
(AD9516-1, ADCLK925,
HMC7044)
LANE 0
LANE 1
LANE N – 1
LANE N
DEVICE CLOCK
DEVICE CLOCK
SYSREF±
SYSREF±
SYSREF± TRACE LENGTH
SYSREF± TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
Tx
DEVICE
Rx
DEVICE
Figure 86. SYSREF± Signal and Device Clock Trace Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com