Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9173 Datasheet HTML 19Page - Analog Devices AD9173 Datasheet HTML 20Page - Analog Devices AD9173 Datasheet HTML 21Page - Analog Devices AD9173 Datasheet HTML 22Page - Analog Devices AD9173 Datasheet HTML 23Page - Analog Devices AD9173 Datasheet HTML 24Page - Analog Devices AD9173 Datasheet HTML 25Page - Analog Devices AD9173 Datasheet HTML 26Page - Analog Devices AD9173 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 142 page
background image
Data Sheet
AD9173
Rev. 0 | Page 23 of 142
–3
–2
–1
0
1
2
3
4
0
10000
20000
30000
40000
50000
60000
70000
CODE
DAC1
DAC0
Figure 39. INL, IOUTFS = 15.6 mA, 16-Bit Resolution
–0.13
–0.09
–0.05
–0.01
0.03
0.07
0.11
0.15
0
500
1000
1500
2000
2500
3000
3500
4000
4500
CODE
DAC1
DAC0
Figure 40. DNL, IOUTFS = 20 mA, 12-Bit Resolution
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
500
1000
1500
2000
2500
3000
3500
4000
4500
CODE
DAC1
DAC0
Figure 41. INL, IOUTFS = 20 mA, 12-Bit Resolution
–0.05
–0.03
–0.01
0.01
0.03
0.05
0.07
0.09
0.11
0.13
0.15
0
500
1000
1500
2000
2500
CODE
DAC0
DAC1
Figure 42. DNL, IOUTFS = 20 mA, 11-Bit Resolution
0
500
1000
1500
2000
2500
CODE
DAC0
DAC1
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
Figure 43. INL, IOUTFS = 20 mA, 11-Bit Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com