Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9173 Datasheet HTML 25Page - Analog Devices AD9173 Datasheet HTML 26Page - Analog Devices AD9173 Datasheet HTML 27Page - Analog Devices AD9173 Datasheet HTML 28Page - Analog Devices AD9173 Datasheet HTML 29Page - Analog Devices AD9173 Datasheet HTML 30Page - Analog Devices AD9173 Datasheet HTML 31Page - Analog Devices AD9173 Datasheet HTML 32Page - Analog Devices AD9173 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 142 page
background image
Data Sheet
AD9173
Rev. 0 | Page 29 of 142
JESD204B SERIAL DATA INTERFACE
JESD204B OVERVIEW
The AD9173 has eight JESD204B data ports that receive data.
The eight JESD204B ports can be configured as part of a single
or dual JESD204B link that uses a single system reference
(SYSREF±) and device clock (CLKIN±).
The JESD204B serial interface hardware consists of three layers:
the physical layer, the data link layer, and the transport layer.
These sections of the hardware are described in subsequent
sections, including information for configuring every aspect of
the interface. Figure 49 shows the communication layers
implemented in the AD9173 serial data interface to recover the
clock and deserialize, descramble, and deframe the data before it
is sent to each of the digital signal processing channelizers of
the device.
The physical layer establishes a reliable channel between the
transmitter (Tx) and the receiver (Rx), and the data link layer is
responsible for unpacking the data into octets and descrambling
the data. The transport layer receives the descrambled
JESD204B frames and converts them to DAC samples.
A number of JESD204B parameters (L, F, K, M, N, NP, S, HD)
define how the data is packed and tell the device how to turn
the serial data into samples. These parameters are defined in
detail in the Transport Layer section. The AD9173 also has a
descrambling option (see the Descrambler section for more
information). The AD9173 has the ability to use 12-bit packing
mode (NP = 12, N = 11 or 12) to increase the maximum data
rate achievable by this device for applications that do not
require 16-bit resolution capabilities.
The AD9173 has multiple single-link and dual-link mode
options available for various application purposes. These modes
and their respective JESD204B link parameters are described in
Table 15 and Table 16.
There are different interpolation combinations available for the
channel and main datapaths, as well as whether single-link and
dual-link options are available depending on which JESD204B
mode is chosen. Table 13 lists the possible link and
interpolation combinations available.
The AD9173 has two DAC outputs; however, for the purposes
of complex signal processing on chip, the converter count,
represented by the M JESD204B parameter, reflects the number
of complex subchannels of data required per link when using a
total interpolation greater than 1×. The number of complex
subchannels of data per link required to be sent to the device
also depends on the number of channelizers being used, based
on the mode of operation chosen. If the channelizer datapaths
are bypassed (channel interpolation is set to 1×) and the main
datapath interpolation is set to 1×, the converter count (M)
reflects the number of real converters per link being used in the
mode of operation; in this case, complex data is not required.
For a particular JESD204B mode of operation, the following
relationships exist:
Total Interpolation = Channel Interpolation ×
Main Interpolation
Data Rate = DAC Rate/Total Interpolation
Lane Rate = (M/L) × NP × (10/8) × Data Rate
where:
Lane Rate must be between 3 Gbps and 15 Gbps.
M, L, and NP are JESD204B link parameters for the chosen
JESD204B operating mode.
Achieving and recovering synchronization of the lanes is
important. To simplify the interface to the transmitter, the
AD9173 designates a master synchronization signal for each
JESD204B link. The SYNCOUT0± and SYNCOUT1± pins are
used as the master signal for all lanes on each link. If any lane in a
link loses synchronization, a resynchronization request is sent
to the transmitter via the synchronization signal of the link. The
transmitter stops sending data and instead sends synchronization
characters to all lanes in that link until resynchronization is
achieved.
DESERIALIZER
DATA LINK
LAYER
TRANSPORT
LAYER
SERDIN0±
SYSREF±
SERDIN7±
I DATA[15:0]
Q DATA[15:0]
COMPLEX DATA
PER CHANNELIZER
SYNCOUT1±
SYNCOUT0±
PHYSICAL
LAYER
DESERIALIZER
FRAME TO
SAMPLES
QBD/
DESCRAMBLER
Figure 49. Functional Block Diagram of Serial Link Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com