Electronic Components Datasheet Search
  English  ▼

X  

LDS8161 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDS8161
Description  6-Channel / 4-Channel High-Side Linear WLED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8161 Datasheet(HTML) 1 Page - IXYS Corporation

  LDS8161 Datasheet HTML 1Page - IXYS Corporation LDS8161 Datasheet HTML 2Page - IXYS Corporation LDS8161 Datasheet HTML 3Page - IXYS Corporation LDS8161 Datasheet HTML 4Page - IXYS Corporation LDS8161 Datasheet HTML 5Page - IXYS Corporation LDS8161 Datasheet HTML 6Page - IXYS Corporation LDS8161 Datasheet HTML 7Page - IXYS Corporation LDS8161 Datasheet HTML 8Page - IXYS Corporation LDS8161 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LDS8161/41
6-Channel / 4-Channel High-Side Linear WLED Driver
with LED Temperature Compensation Using LED-Sense
TM, I2C, and Digital PWM
FEATURES
 Six (8161) / or Four (8141) Power-Lite
TM
Linear LDO
current regulators with 50 mV dropout in a high-
side driver topology.
 High temperature LED current de-rating using the
LED-Sense
TM
temperature compensation
algorithm, which directly monitors an LED PN
junction. No external temperature sensor is
required.
 I
2
C compatible serial programming interface
 LED current programmable via I
2
C from 0 to
~32 mA in 256 linear steps. Three (8161) or two
(8141) separately controlled driver banks with 2
LED drivers each
 Integrated PWM generator for LED dimming with
12-bit
resolution
and
256
I
2 C-programmable
logarithmic duty cycle steps from 0% to 100%
(~0.17 dB per step)
 Total combined dimming range of > 16,384:1
 Power efficiency up to 98%; average efficiency
> 80% in Li-ion battery applications
 Low current shutdown mode ( < 1 µA );
 Soft start and current limiting
 LED Short circuit detection and protection, LED
open detection
 Thermal shutdown protection
 Low EMI.
 Available in 3 mm x 3 mm x 0.8 mm 16-pin TQFN
package
APPLICATIONS
 Keypad and Display Backlight
 Cellular Phone
 PDAs and Smartphones
DESCRIPTION
The LDS8161 is a 6-channel and the LDS8141 is a 4-
channel linear LED driver for WLED applications. It
includes ultra low dropout LDO current regulators at a
maximum 31.875 mA per channel in a common
cathode high side driver topology.
The LDS8161/LDS8141 has an average efficiency of
> 80% in Li-ion battery applications. It includes three
(LDS8161) or two (LDS8141) 8-bit current setting
DACs (one per bank) allowing LED currents to be
programmed via an I
2C-compatible serial interface
from 0 to 31.875 mA in 256 steps of 125
A per step.
The LDO drivers have a low dropout voltage of
50 mV typically at maximum rated current. This
provides a low power/low EMI solution in Li-ion
battery applications without voltage boosting and
associated external capacitors and components.
High temperature current de-rating insures LED
reliability and provides automatic adjustment of LED
current
to
achieve
maximum
specified
LED
brightness across the ambient temperature range.
The
proprietary
LED-Sense
TM
temperature
compensation algorithm directly monitors the ju nction
temperature of an LED and applies current de-rating
per a user loadable LUT (look up table) in 5ºC steps.
No external temperature sensing device is needed.
An integrated 12-bit PWM generator with “smooth”
logarithmic control supports LED dimming and high
temperature current de-rating. The PWM duty cycle is
programmable via the I
2C serial interface from 0% to
100%. User programmed 8-bit codes are converted
to 12-bit resolution logarithmic steps of ~ 0.17 dB per
step. The PWM frequency is ~280 Hz to minimize
noise generation.
The EN logic input functions as a chip enable. A logic
HIGH
applied
at
the
EN
pin
allows
the
LDS8161/LDS8141
to
respond
to
I
2C
communications. An external serial interface address
pin is available for use in multi-target applications.
The device operates from 2.5V to 5.5V.
The LDS8160 is available in a 3 x 3 x 0.8 mm
3
16-lead TQFN package.


Similar Part No. - LDS8161

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
Dual-Output RGB / 6-Channel WLED Driver
More results

Similar Description - LDS8161

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
logo
Allegro MicroSystems
A8503 ALLEGRO-A8503 Datasheet
409Kb / 17P
High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver
logo
Micrel Semiconductor
MIC2845 MICREL-MIC2845 Datasheet
1Mb / 21P
6 Channel High Side Current Source WLED driver
logo
SHANGHAI BELLING CO., L...
BL8088 BELLING-BL8088 Datasheet
394Kb / 5P
8-Channel WLED Linear Driver
BL8584 BELLING-BL8584 Datasheet
169Kb / 5P
6-Channels WLED Linear Driver
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
Dual-Output RGB / 6-Channel WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com