Electronic Components Datasheet Search
  English  ▼

X  

LDS8161 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LDS8161
Description  6-Channel / 4-Channel High-Side Linear WLED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8161 Datasheet(HTML) 3 Page - IXYS Corporation

  LDS8161 Datasheet HTML 1Page - IXYS Corporation LDS8161 Datasheet HTML 2Page - IXYS Corporation LDS8161 Datasheet HTML 3Page - IXYS Corporation LDS8161 Datasheet HTML 4Page - IXYS Corporation LDS8161 Datasheet HTML 5Page - IXYS Corporation LDS8161 Datasheet HTML 6Page - IXYS Corporation LDS8161 Datasheet HTML 7Page - IXYS Corporation LDS8161 Datasheet HTML 8Page - IXYS Corporation LDS8161 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LDS8161/41
© 2009 IXYS Corp.
3
Doc. No. 8141/61_DS, Rev. N1.0
Characteristics subject to change without notice
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VIN
2.5 to 5.5
V
ILED per LED pin
0 – 31.875
mA
Total Output Current ILOAD
191.25
mA
Junction Temperature Range
-40 to +125
°C
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
(Over recommended operating conditions unless specified otherwise) VIN = 3.6V, CIN = 1 µF, EN = High, TAMB = 25°C
Name
Conditions
Min
Typ
Max
Units
LEDx Channel Current DAC Range
0
31.875
mA
# of LEDx Current steps (linear steps)
256
steps
LEDx Current DAC Resolution/step
0.125
mA
EN = VIN
Standby (no I
2C clock)
125
µA
ILOAD = 120 mA/ 80 mA
0.6/0.45
mA
Quiescent Current
6/4 Channels at 100%
DC PWMs and Temp
De-Rating Active
ILOAD = 60 mA / 40 mA
0.45/0.35
0.35
mA
Shutdown Current
VEN = 0V
0.5
1
µA
LED Current Accuracy
5 mA
≤ILED ≤30 mA
±1.5
%
LED Channel Matching
(ILED - ILEDAVG) / ILEDAVG
±1.5
%
Line Regulation
2.7 V
≤V
IN ≤4.2 V
2
%/V
Load Regulation
1
0.2 V < Vdx < 1.2 V
1
%/V
Dropout Voltage
2
1 mA
≤ILED ≤30 mA
50
75
mV
PWM Frequency
285
Hz
# of PWM duty cycle steps
Log Mode steps
256
Minimum PWM On Time
13.7
µs
PWM resolution
Log Mode
12
bits
PWM Step Size
Log Mode
0.17
dB
1-x Scale Mode
-7
0

of
PWM Steps for current de-rating
2-x Scale Mode
-14
0
PWM
Steps/5
0C
De-rating Temperature Adjust Steps
5
0C
Programmable De-rating Start
Temperature (Tj) Range (typical)
30
55
80
0C
Programmable LED Shutdown
Temperature(Tj) Range (typical)
80
105
120
0C
Active mode, EN = VIN
-1
1
Input current
Normal Standby
5
µA
High
1.2
EN Pin
Logic Level
Low
Active Mode or Normal
Standby Mode
0.4
V
Input Current Limit
450
mA
Thermal Shutdown
150
Thermal Hysteresis
20
°C
Soft ramp disabled
10
ms
Wake-up/Shutdown Delay Time from EN
Raising/Falling Edge
Soft ramp enabled
250
ms
Output short circuit Threshold
3
ILED = 20 mA
0.14
V
Note:
1. Vdx = Vin – VF,
2. Vdx = Vin – VF, at which IILED decreases by 10% from set value
3. Minimum LED forward voltage, which will be interpreted as “LED SHORT” condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com