Electronic Components Datasheet Search
  English  ▼

X  

LDS8161 Datasheet(PDF) 6 Page - IXYS Corporation

Part # LDS8161
Description  6-Channel / 4-Channel High-Side Linear WLED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8161 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button LDS8161 Datasheet HTML 2Page - IXYS Corporation LDS8161 Datasheet HTML 3Page - IXYS Corporation LDS8161 Datasheet HTML 4Page - IXYS Corporation LDS8161 Datasheet HTML 5Page - IXYS Corporation LDS8161 Datasheet HTML 6Page - IXYS Corporation LDS8161 Datasheet HTML 7Page - IXYS Corporation LDS8161 Datasheet HTML 8Page - IXYS Corporation LDS8161 Datasheet HTML 9Page - IXYS Corporation LDS8161 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LDS8161/41
© 2009 IXYS Corp.
6
Doc. No. 8141/61_DS, Rev. N1.0
Characteristics subject to change without notice
LDS8161 / 41 REGISTERS DEFINITION AND PROGRAMMING
Note: Unlisted register addresses are for factory use only; For proper operation write only to registers defined.
ADDRESS
DESCRIPTION
BITS
NOTES
00h
Bank A Current setting
8
01h
Bank B Current setting
8
02h
Bank C Current setting
(8161 only; Not for 8141)
8
Reg00h – Reg02h data code = (ILED / 0.125 mA) (decimal)
converted into hex format
03h
Channel Enable
(No Bits 5, 4 for C2 and
C1 respectively for 8141)
6
Bits 5:0 = 1 enables LEDs C2, C1, B2, B1, A2, A1
respectively (See
Table 1). Both LEDs from one bank should be disabled to
minimize power consumption.
05h
Bank A, B, C PWM Duty
Cycle
8
Log Mode:
~ – 0.17dB dimming per LSB for currents > 300 µA; Refer to
8 to 12 bit conversion curve (Figure 3 and Table 10) for
resolution in range 0 – 300 µA
Data Code 00h = 0% Duty Cycle, FFh = 100% Duty Cycle
Example: 50% brightness reduction ( – 6dB) requires: 255 –
(– 6 dB / – 0.17 dB) = 255 – 35 = 220 (decimal) = DCh steps
19h
LED Diagnostics Test
8
See Table 2; Bit 5 = 1 sets user-initiated LED short/open
diagnostic
1Ch
LED Faults Status
( shorted to GND)
5
Bits from bit 5 to bit 0 represent LED status for LEDC2 –
LEDA1 respectively. Bit = 1 represents LED shorted to GND
1Dh
LED Faults Status
(shorted to VIN/open)
5
Bits from bit 5 to bit 0 represent LED status for LEDC2 –
LEDA1 respectively. Bit = 1 represents LED shorted to
VIN/open
1Eh
Configuration register
8
See Table 3
1Fh
Software reset, Standby
8
See Table 4
49h
Ta-Tj Temperature Offset
8
Since junction temperature is measured, the values loaded
here allow an offset to account for Tj – Ta gradient.
This allows de-rate tables to be referenced to Ta levels.
Two 4 bit offsets value for the LED and the Si Diode;
Bit [7:4] = Tj-Ta offset for the LEDs
Bit [3:0] = Tj-Ta offset for the Si diode.
Typically should set both offsets to be equal.
See Table 5 & 6
4Ah
LED Shutdown
Temperature
5
Defines T-code, at which LED current shuts down per LED
vendor de-rating specification (see Table 5); Factory default
value = 11100 (bin) = 1Ch represents 105
0C Tj
4Bh
2-x Table enable and
breakpoint (T-code)
6
Bit 5 = 1 – enable 2-x scale
LUT ΔPWM code correction (de-
rating) starting at the breakpoint set by T-code (bits 4:0)
Bit 5 = 0 – 1-x scale (default) for entire temperature range
Bit [4:0] defines T-code, where temperature de-rating starts,
or where 2-x scaling begins (see Table 5)
56h – 5Dh
Temp De-rating LUT
25C to 100C
(one 5C step every
nibble)
ΔPWM code1[7:4],
ΔPWM code0[3:0] –
ΔPWM code13[7:4],
ΔPWM code12[3:0]
8
Two LUT words per I
2C address.
Each word contains two 4-bit numbers repr
esenting of ΔPWM
codes. See
Table 6 and Appendix 1 for LUT programming.
Factory default setting is Logarithmic Mode table for WLED
LED (Nichia NSSW020BT WLED).
Default table could be used for WLED de-rating.
De-Rating starts at 55ºC junction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com