Electronic Components Datasheet Search
  English  ▼

X  

LDS8161 Datasheet(PDF) 5 Page - IXYS Corporation

Part # LDS8161
Description  6-Channel / 4-Channel High-Side Linear WLED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8161 Datasheet(HTML) 5 Page - IXYS Corporation

  LDS8161 Datasheet HTML 1Page - IXYS Corporation LDS8161 Datasheet HTML 2Page - IXYS Corporation LDS8161 Datasheet HTML 3Page - IXYS Corporation LDS8161 Datasheet HTML 4Page - IXYS Corporation LDS8161 Datasheet HTML 5Page - IXYS Corporation LDS8161 Datasheet HTML 6Page - IXYS Corporation LDS8161 Datasheet HTML 7Page - IXYS Corporation LDS8161 Datasheet HTML 8Page - IXYS Corporation LDS8161 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LDS8161/41
© 2009 IXYS Corp.
5
Doc. No. 8141/61_DS, Rev. N1.0
Characteristics subject to change without notice
Option 2: Combined (extended) protocol:
S
Slave Address
W
A
Register Address m
A
Sr
Slave Address
W
A
Data
A*
P
To: Reg. m
S: Start Condition
Sr Start Repeat Condition
R, W: Read bit (1), Write bit (0)
A: Acknowledge (SDAT high)
A*: Not Acknowledge (SDAT low)
P: Stop Condition
Slave Address: Device address 7 bits (MSB first).
Register Address: Device register address 8 bits
Data: Data to read or write 8 bits
- send by master
- send by slave
I
2C BUS PROTOCOL
Standard protocol
Combined protocol:
WRITE INSTRUCTION SEQUENCE
Standard protocol:
Write Instruction Example - Setting 20mA Current in LEDB1 and LEDB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com