Electronic Components Datasheet Search
  English  ▼

X  

LDS8161 Datasheet(PDF) 13 Page - IXYS Corporation

Part # LDS8161
Description  6-Channel / 4-Channel High-Side Linear WLED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8161 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button LDS8161 Datasheet HTML 9Page - IXYS Corporation LDS8161 Datasheet HTML 10Page - IXYS Corporation LDS8161 Datasheet HTML 11Page - IXYS Corporation LDS8161 Datasheet HTML 12Page - IXYS Corporation LDS8161 Datasheet HTML 13Page - IXYS Corporation LDS8161 Datasheet HTML 14Page - IXYS Corporation LDS8161 Datasheet HTML 15Page - IXYS Corporation LDS8161 Datasheet HTML 16Page - IXYS Corporation LDS8161 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LDS8161/41
© 2009 IXYS Corp.
13
Doc. No. 8141/61_DS, Rev. N1.0
Characteristics subject to change without notice
The de-rate table stored in the correction LUT is
referenced to the LED Tj. Register 49h can be used
to apply the Ta-Tj temperature offset between the
ambient and LED junction temperature. This can
effect a +/- shift of the de-rating curve in the
Temperature axis to reference the de-rating profile to
ambient, and/or set the start of de-rating to the
desired ambient temperature level to accommodate
different LEDs and current/power levels. The default
table will de-rate the current ~ - 9.2 dB (0.348x) from
its user set low temperature maximum level over
35ºC (from the start of the de-rate temperature). For
example, if the LED current is set to 30mA prior to
de-rating, and de-rating begins at 55ºC, at 85ºC the
current is de-rated to 0.348 x 30mA = 10.4mA.
Register 4Ah sets the LEDs shutdown junction
temperature per the T-codes provided in Table 7.
When this temperature is exceeded, all of the LED
current driver channels are disabled to insure no
damage to the LEDS. Additionally, an LED OT (over
temperature) status flag is set HIGH in Bit 7 of the
enable channel register 03h. If the flag is set the user
can re-enable the channels by re-writing to the
channel enable bits in register 03h, however the OT
flag will still remain HIGH, until the device is power
sequenced, reset, or placed in the shutdown mode.
If a Ta-Tj offset is used other than 00h (i.e. 0ºC) in
register, 49h, than the shutdown junction temperature
loaded in 4Ah should also include this offset. This
insures the LED shutdown is also properly referenced
to ambient level, Ta.
LED Current Setting
Current setting registers 00h – 02h should be
programmed using I
2C interface and desired LEDs
should be enabled using register 03h before LEDs
turn on.
The standard I
2C interface procedure is used to
program ILED current (see chapter “I
2C INTERFACE”).
LDS8161/41 should be addressed with slave address
chosen
(see
Table
11
for
accessible
slave
addresses) followed by register address (00h, 01h, or
02h) and data that represents the code for the
desired LED current.
Code for LED current is determined as ILED/0.125 mA
in hex format, i.e. 20 mA current code = 20/0.125 =
160 (dec) = A0h.
The maximum current setting is 31.875 mA. Since
the LDS8161/41 is a low drop-out LDO based linear
LED driver, when using maximum current levels,
users should
select LEDs with VF < 3.3V to
maximize operation with Li-ion batteries.
To turn LEDs ON/OFF register 03h should be
addressed with data that represents the desired
combination of LEDs turned ON/OFF (see Table 1);
i.e. if LEDC1, LEDC2, LEDA1, LEDA2 should be ON,
and LEDB1, LEDB2 should be OFF, binary code that
should be written into register 03h is 110011 (bin) =
33h.
The LDS8161/41 allows two ways for LED current
setting and dimming; analog (static) dimming using
the 8 bit current DACs, and dynamic dimming via the
integrated
12-bit
digital
PWM.
Combining
both
methods allows for total dimming capability of >
16,384:1
Analog dimming using the current setting DACs
discussed via registers 00h – 02h is referred to as the
static mode. Digital dimming using the internal PWM
generator changes the duty cycle per the value set in
register 05h and therefore adjusts the average LED
current. This is referred to as dynamic mode.
For dynamic mode, the LDS8161/41 integrates a
digital PWM generator that operates at a frequency of
~ 285 Hz. It operates in Logarithmic Mode. The PWM
generator
has
12-bit
resolution
and
can
be
programmed with an 8-bit code to provide 256
internally mapped 12-bit logarithmic duty cycle steps
to adjust the dimming level
The advantage of PWM dimming is stable LED color
temperature / wavelength that is determined by the
maximum static mode LED current value set by
registers 00h – 02h. The integrated PWM generator
reduces
the
system
requirement
to
provide
a
continuous pulsed waveform.
To use the dynamic PWM mode for LED current
setting, the maximum ILED value should first be set by
current DAC registers 00h – 02h as described above
for static mode, and desired dimming / duty cycle can
be set by register 05h. The logarithmic operating
mode provides a dimming resolution of approximately
-0.17 dB per step with 0dB dimming (i.e. 100% duty
cycle) at the 256
th step (i.e. FFh), and 0% duty cycle
(~ -80 dB dimming) at 00h.
LED-Sense
TM High Temperature Current De-rating
The LDS8161/41 integrates the IXYS LED-Sense
TM
temperature measurement and high temperature
current de-rating algorithm to insure LED reliability
and operating lifetimes.
LED current is de-rated via reductions in PWM duty
cycle to meet LED vendor power dissipation vs. LED
junction temperature specifications.
User programmable de-rating adjustments are stored
in a correction LUT comprised of eight 8-bit registers
from 56h to 5Dh. Each register stores a 4-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com