Electronic Components Datasheet Search
  English  ▼

X  

LDS8161 Datasheet(PDF) 8 Page - IXYS Corporation

Part # LDS8161
Description  6-Channel / 4-Channel High-Side Linear WLED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8161 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button LDS8161 Datasheet HTML 4Page - IXYS Corporation LDS8161 Datasheet HTML 5Page - IXYS Corporation LDS8161 Datasheet HTML 6Page - IXYS Corporation LDS8161 Datasheet HTML 7Page - IXYS Corporation LDS8161 Datasheet HTML 8Page - IXYS Corporation LDS8161 Datasheet HTML 9Page - IXYS Corporation LDS8161 Datasheet HTML 10Page - IXYS Corporation LDS8161 Datasheet HTML 11Page - IXYS Corporation LDS8161 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LDS8161/41
© 2009 IXYS Corp.
8
Doc. No. 8141/61_DS, Rev. N1.0
Characteristics subject to change without notice
Table 3
Configuration Register
Register
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Factory Set
1*
Factory
Only
Factory
Only
Factory
Only
Factory
Only
dT adjust
disabled = 1*
Soft Start
disabled = 1
Factory
Only
1Eh
Factory trimmed;
User should write 0
0*
0*
0*
0*
dT adjust
enabled = 0
Soft Start
enabled = 0*
0*
Note: *) Value by default
Table 4
Control Register
Register
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Software
reset = 1
Standby
mode = 1
Temperature
request = 1
Calibration
request = 1
Custom OSC
trim = 1
1Fh
Normal operation = 0*
Factory
preset = 0*
Osc
trim 2
**
Osc
trim 1
**
Osc
trim 0
**
Note:
*) Value by default
**) Trim code defined by customer
Bit 7 = 1 — Software reset: resets device, all registers reset/cleared.
Bit 6 = 1 — Standby (oscillator disabled, all registers retain programmed values.)
Table 5: Ta-Tj Temperature Gradient Offset
( Set offset code to match reference De-rate point in LUT from LED Tj to Ta. Typically LED and Si are equal)
Control Register
Register
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LED
Offset 3
LED
Offset 2
LED
Offset 1
LED
Offset 0
Si Diode
Offset 3
Si Diode
Offset 2
Si Diode
Offset 1
Si Diode
Offset 0
49h
0*
0*
0*
0*
0*
0*
0*
0*
Note:
*) Value by default
Table 6: Offset Codes for Tj-Ta Temperature Gradient Offset (both LED and Si per Table 5).
Temperature
Offset
0C
(Ta-Tj)
Bit3– Bit
0
Temperature
Offset
0C
(Ta-Tj)
Bit3– Bit
0
Temperature
Offset
0C
(Ta-Tj)
Bit3–
Bit 0
Temperature
Offset
0C
(Ta-Tj)
Bit3–
Bit 0
-40
1000
-20
1100
0
0000
20
0100
-35
1001
-15
1101
5
0001
25
0101
-30
1010
-10
1110
10
0010
30
0110
-25
1011
-5
1111
15
0011
35
0111
Table 7: T-code values vs. Temperature (for registers 4Ah & 4Bh)
Temperature
0C
Bit4 –
Bit 0
Temperature
0C
Bit4 –
Bit 0
Temperature
0C
Bit4 –
Bit 0
Temperature
0C
Bit4 –
Bit 0
25
01100
50
10001
75
10110
100
11011
30
01101
55
10010
80
10111
105
11100
35
01110
60
10011
85
11000
110
11101
40
01111
65
10100
90
11001
115
11110
45
10000
70
10101
95
11010
120
11111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com