Electronic Components Datasheet Search
  English  ▼

X  

AD5689 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5689
Description  Dual, 16-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689 Datasheet(HTML) 5 Page - Analog Devices

  AD5689 Datasheet HTML 1Page - Analog Devices AD5689 Datasheet HTML 2Page - Analog Devices AD5689 Datasheet HTML 3Page - Analog Devices AD5689 Datasheet HTML 4Page - Analog Devices AD5689 Datasheet HTML 5Page - Analog Devices AD5689 Datasheet HTML 6Page - Analog Devices AD5689 Datasheet HTML 7Page - Analog Devices AD5689 Datasheet HTML 8Page - Analog Devices AD5689 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD5689/AD5687
Rev. B | Page 5 of 24
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2.
VDD = 2.7 V to 5.5 V, 1.62 V ≤ VLOGIC ≤ 5.5 V; VREF = 2.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 4.
1.62 V ≤ VLOGIC < 2.7 V
2.7 V ≤ VLOGIC ≤ 5.5 V
Parameter1
Symbol
Min
Max
Min
Max
Unit
SCLK Cycle Time
t1
20
20
ns
SCLK High Time
t2
10
10
ns
SCLK Low Time
t3
10
10
ns
SYNCE to SCLK Falling Edge Setup Time
t4
15
10
ns
Data Setup Time
t5
5
5
ns
Data Hold Time
t6
5
5
ns
SCLK Falling Edge to SYNCE Rising Edge
t7
10
10
ns
Minimum SYNCE High Time
t8
20
20
ns
SYNCE Rising Edge to SYNCE Rising Edge (DAC Register Updates)
t9
870
830
ns
SYNCE Falling Edge to SCLK Fall Ignore
t10
16
10
ns
LDACE Pulse Width Low
t11
15
15
ns
SYNCE Rising Edge to LDACE Rising Edge
t12
20
20
ns
SYNCE Rising Edge to LDACE Falling Edge
t13
30
30
ns
LDACE Falling Edge to SYNCE Rising Edge
t14
840
800
ns
Minimum Pulse Width Low
t15
30
30
ns
Pulse Activation Time
t16
30
30
ns
Power-Up Time2
4.5
4.5
μs
1Guaranteed by design and characterization; not production tested.
2 Time to exit power-down to normal mode of operation, SYNCE rising edge to 90% of DAC midscale value, with output unloaded.
t4
t3
SCLK
SYNC
SDIN
t1
t2
t5
t6
t7
t14
t9
t8
DB23
t10
t11
t12
1
2
t13
1
2
t15
t16
VOUT
DB0
Figure 2. Serial Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com