Electronic Components Datasheet Search
  English  ▼

X  

AD5689 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5689
Description  Dual, 16-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5689 Datasheet HTML 16Page - Analog Devices AD5689 Datasheet HTML 17Page - Analog Devices AD5689 Datasheet HTML 18Page - Analog Devices AD5689 Datasheet HTML 19Page - Analog Devices AD5689 Datasheet HTML 20Page - Analog Devices AD5689 Datasheet HTML 21Page - Analog Devices AD5689 Datasheet HTML 22Page - Analog Devices AD5689 Datasheet HTML 23Page - Analog Devices AD5689 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5689/AD5687
Data Sheet
Rev. B | Page 22 of 24
30B
HARDWARE RESET (
A
RESETE
A
)
A
RESETE
A
is an active low reset that allows the outputs to be cleared
to either zero scale or midscale. The clear code value is user
selectable via the power-on reset select pin (RSTSEL).
A
RESETE
A
must be kept low for a minimum amount of time to complete
the operation (see Figure 2). When the
A
RESETE
A
signal is returned
high, the output remains at the cleared value until a new value is
programmed. The outputs cannot be updated with a new value
while the
A
RESETE
A
pin is low. There is also a software executable
reset function that resets the DAC to the power-on reset code.
Command 0110 is designated for this software reset function
(see Table 9). Any events on
A
LDACE
A
during a power-on reset are
ignored. If the
A
RESETE
A
pin is pulled low at power-up, the device
does not initialize correctly until the pin is released.
31B
RESET SELECT PIN (RSTSEL)
The AD5689/AD5687 contain a power-on reset circuit that
controls the output voltage during power-up. When the RSTSEL
pin is connected low (to GND), the output powers up to zero scale.
Note that this is outside the linear region of the DAC. When the
RSTSEL pin is connected high (to VLOGIC), VOUTX powers up to
midscale. The output remains powered up at this level until a
valid write sequence is sent to the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com