Electronic Components Datasheet Search
  English  ▼

X  

AD5689 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5689
Description  Dual, 16-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689 Datasheet(HTML) 1 Page - Analog Devices

  AD5689 Datasheet HTML 1Page - Analog Devices AD5689 Datasheet HTML 2Page - Analog Devices AD5689 Datasheet HTML 3Page - Analog Devices AD5689 Datasheet HTML 4Page - Analog Devices AD5689 Datasheet HTML 5Page - Analog Devices AD5689 Datasheet HTML 6Page - Analog Devices AD5689 Datasheet HTML 7Page - Analog Devices AD5689 Datasheet HTML 8Page - Analog Devices AD5689 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Dual, 16-/12-Bit nanoDAC+
with SPI Interface
Data Sheet
AD5689/AD5687
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High relative accuracy (INL): ±2 LSB maximum at 16 bits
Tiny package: 3 mm × 3 mm, 16-lead LFCSP
TUE: ±0.1% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.1% of FSR maximum
High drive capability: 20 mA, 0.5 V from supply rails
User-selectable gain of 1 or 2 (GAIN pin)
Reset to zero scale or midscale (RSTSEL pin)
1.8 V logic compatibility
50 MHz SPI with readback or daisy chain
Low glitch: 0.5 nV-sec
Low power: 3.3 mW at 3 V
2.7 V to 5.5 V power supply
−40°C to +105°C temperature range
APPLICATIONS
Optical transceivers
Base station power amplifiers
Process control (PLC I/O cards)
Industrial automation
Data acquisition systems
FUNCTIONAL BLOCK DIAGRAM
SCLK
VLOGIC
SYNC
SDIN
SDO
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
BUFFER
VOUTA
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
VOUTB
VREF
GND
VDD
POWER-
DOWN
LOGIC
POWER-ON
RESET
GAIN =
×1/×2
RSTSEL
GAIN
LDAC RESET
AD5689/AD5687
Figure 1.
GENERAL DESCRIPTION
The AD5689/AD5687 members of the nanoDAC+™ family are
low power, dual, 16-/12-bit, buffered voltage output digital-to-
analog converters (DACs). The devices include a gain select pin
giving a full-scale output of 2.5 V (gain = 1) or 5 V (gain = 2). The
AD5689/AD5687 operate from a single 2.7 V to 5.5 V supply, are
guaranteed monotonic by design, and exhibit less than 0.1% FSR
gain error and 1.5 mV offset error performance. Both devices are
available in a 3 mm × 3 mm LFCSP and a TSSOP package.
The AD5689/AD5687 also incorporate a power-on reset circuit
and a RSTSEL pin that ensure that the DAC outputs power up
to zero scale or midscale and remain there until a valid write
takes place. Each part contains a per channel power-down feature
that reduces the current consumption of the device to 4 µA at
3 V while in power-down mode.
The AD5689/AD5687 use a versatile serial peripheral interface
that operates at clock rates up to 50 MHz. Both devices contain
a VLOGIC pin that is intended for 1.8 V/3 V/5 V logic.
Table 1. Related Devices
Interface
Reference
16-Bit
12-Bit
SPI
Internal
AD5689R
AD5687R
External
AD5689
AD5687
I2C
Internal
Not applicable
AD5697R
PRODUCT HIGHLIGHTS
1. High Relative Accuracy (INL).
AD5689 (16-bit): ±2 LSB maximum
AD5687 (12-bit): ±1 LSB maximum
2. Excellent DC Performance.
Total unadjusted error: ±0.1% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.1% of FSR maximum
3. Two Package Options.
3 mm × 3 mm, 16-lead LFCSP
16-lead TSSOP


Similar Part No. - AD5689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5689 AD-AD5689 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5689BCPZ-RL7 AD-AD5689BCPZ-RL7 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5689BRUZ AD-AD5689BRUZ Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5689BRUZ-RL7 AD-AD5689BRUZ-RL7 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5689R AD-AD5689R Datasheet
684Kb / 28P
Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
More results

Similar Description - AD5689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5683R AD-AD5683R Datasheet
882Kb / 28P
Tiny 16-/14-/12-Bit SPI nanoDAC
12/2016-Rev. C to Rev. D
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
Dual, 16-/12-Bit nanoDAC
3/2017-Rev. A to Rev. B
AD5693R AD-AD5693R Datasheet
867Kb / 26P
Tiny 16-/14-/12-Bit I2C nanoDAC
2/2017-Rev. C to Rev. D
AD5697R AD-AD5697R_16 Datasheet
904Kb / 27P
Dual, 12-Bit nanoDAC
11/2016-Rev. A to Rev. B
AD5686 AD-AD5686 Datasheet
746Kb / 27P
Quad, 16-/12-Bit nanoDAC
6/2017-Rev. B to Rev. C
AD5696 AD-AD5696 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
Dual 12-/14-/16-Bit nanoDAC
9/15-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com