Electronic Components Datasheet Search
  English  ▼

X  

AD9144 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9144
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9144 Datasheet HTML 28Page - Analog Devices AD9144 Datasheet HTML 29Page - Analog Devices AD9144 Datasheet HTML 30Page - Analog Devices AD9144 Datasheet HTML 31Page - Analog Devices AD9144 Datasheet HTML 32Page - Analog Devices AD9144 Datasheet HTML 33Page - Analog Devices AD9144 Datasheet HTML 34Page - Analog Devices AD9144 Datasheet HTML 35Page - Analog Devices AD9144 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 125 page
background image
AD9144
Data Sheet
Rev. B | Page 32 of 125
For safety, add a guard band of 1 PClock cycle to each end of
the link delay as in the following equations:
LMFCVar = (MaxDelay + 1) − (MinDelay − 1)
Note that if LMFCVar must be more than 10, the AD9144 is
unable to tolerate the variable delay in the system.
For Subclass 1
LMFCDel = ((MinDelay − 1) × PClockFactor) % K
For Subclass 0
LMFCDel = (MinDelay − 1) % PClockPerMF
Program the same LMFCDel and LMFCVar across all links and
devices.
See the Link Delay Setup Example, with Known Delays section
for an example calculation.
Without Known Delays
If comprehensive delay information is not available or known,
the AD9144 can read back the link latency between the LMFCRX
and the last arriving LMFC boundary in PClock cycles. This
information is then used to calculate LMFCVar and LMFCDel.
For each link (on each device)
1. Power up the board.
2. Follow the steps in Table 15 through Table 21 of the Device
Setup Guide.
3. Set the subclass and perform a sync. For one-shot sync,
perform the writes in Table 33. See the Syncing LMFC
Signals section for alternate sync modes.
4. Record DYN_LINK_LATENCY_0 (Register 0x302) as a
value of Delay for that link and power cycle.
5. Record DYN_LINK_LATENCY_1 (Register 0x303) as a
value of Delay for that link and power cycle the system.
Repeat Step 1 to Step 5 twenty times for each device in the
system. Keep a single list of the Delay values across all runs and
devices.
Table 33. Register Configuration and Procedure for One-
Shot Sync
Addr.
Bit.
No.
Value1
Variable
Description
0x301
0x
Subclass
Set subclass
0x03A
0x01
Set sync mode to
one-shot sync
0x03A
0x81
Enable the sync
machine
0x03A
0xC1
Arm the sync
machine
SYSREF±
Signal
If Subclass = 1, ensure
that at least one
SYSREF± edge is sent
to the device.
0x300
0x
Enable the links
6
CheckSumMode
See the JESD204B
Setup section
3
DualLink
See the JESD204B
Setup section
2
CurrentLink
Set to 0 to access
Link 0 status or 1
for Link 1 status
readbacks. See the
JESD204B Setup
section.
[1:0]
EnLinks
EnLinks = 3 if in
DualLink mode to
enable Link 0 and
Link 1; EnLinks = 1 if
not in DualLink mode
to enable Link 0
1
0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the appropriate register value.
The list of delay values is used to calculate LMFCDel and
LMFCVar; however, first some of the delay values may need to
be remapped.
The maximum possible value for DYN_LINK_LATENCY_x
is one less than the number of PClocks in a multiframe
(PClocksPerMF). It is possible that a rollover condition may be
encountered, meaning the set of recorded Delay values might roll
over the edge of a multiframe. If so, Delay values may be near
both 0 and PClocksPerMF. If this occurs, add PClocksPerMF to
the set of values near 0.
For example, for Delay value readbacks of 6, 7, 0, and 1, the 0
and 1 Delay values must be remapped to 8 and 9, making the
new set of Delay values 6, 7, 8, and 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com