Electronic Components Datasheet Search
  English  ▼

X  

AD9144 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9144
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9144 Datasheet HTML 19Page - Analog Devices AD9144 Datasheet HTML 20Page - Analog Devices AD9144 Datasheet HTML 21Page - Analog Devices AD9144 Datasheet HTML 22Page - Analog Devices AD9144 Datasheet HTML 23Page - Analog Devices AD9144 Datasheet HTML 24Page - Analog Devices AD9144 Datasheet HTML 25Page - Analog Devices AD9144 Datasheet HTML 26Page - Analog Devices AD9144 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 125 page
background image
Data Sheet
AD9144
Rev. B | Page 23 of 125
Multibyte data transfers can be performed as well. This is done
by holding the CS pin low for multiple data transfer cycles
(eight SCLKs) after the first data transfer word following the
instruction cycle. The first eight SCLKs following the
instruction cycle read from or write to the register provided in
the instruction cycle. For each additional eight SCLK cycles, the
address is either incremented or decremented and the read/write
occurs on the new register. The direction of the address can be set
using ADDRINC (Register 0x000, Bit 5 and Bit 2). When
ADDRINC is 1, the multicycle addresses are incremented.
When ADDRINC is 0, the addresses are decremented. A new
write cycle can always be initiated by bringing CS high and then
low again.
To prevent confusion and to ensure consistency between devices,
the chip tests the first nibble following the address phase, ignoring
the second nibble. This is completed independently from the LSB
first bit and ensures that there are extra clock cycles following
the soft reset bits (Register 0x000, Bit 0 and Bit 7). This only
applies when writing to Register 0x000.
R/W A14 A13
A3
A2
A1
A0 D7N D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS
Figure 31. Serial Register Interface Timing, MSB First, ADDRINC = 0
A0
A1
A2
A12 A13 A14
D00 D10 D20
D7N
D6N
D5N
D4N
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS
R/W
Figure 32. Serial Register Interface Timing, LSB First, ADDRINC = 1
SCLK
SDIO
CS
DATA BIT n – 1
DATA BIT n
tDV
Figure 33. Timing Diagram for Serial Port Register Read
SCLK
SDIO
CS
INSTRUCTION BIT 14
INSTRUCTION BIT 0
INSTRUCTION BIT 15
tSCS
tDS
tDH
tPWH
tPWL
tHCS
Figure 34. Timing Diagram for Serial Port Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com