Electronic Components Datasheet Search
  English  ▼

X  

AD9144 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9144
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9144 Datasheet HTML 36Page - Analog Devices AD9144 Datasheet HTML 37Page - Analog Devices AD9144 Datasheet HTML 38Page - Analog Devices AD9144 Datasheet HTML 39Page - Analog Devices AD9144 Datasheet HTML 40Page - Analog Devices AD9144 Datasheet HTML 41Page - Analog Devices AD9144 Datasheet HTML 42Page - Analog Devices AD9144 Datasheet HTML 43Page - Analog Devices AD9144 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 125 page
background image
AD9144
Data Sheet
Rev. B | Page 40 of 125
L RECEIVE LANES
(LATEST ARRIVAL)
L ALIGNED
RECEIVE LANES
0 CHARACTER ELASTIC BUFFER DELAY OF LATEST ARRIVAL
K = K28.5 CODE GROUP SYNCHRONIZATION COMMA CHARACTER
A = K28.3 LANE ALIGNMENT SYMBOL
F = K28.7 FRAME ALIGNMENT SYMBOL
R = K28.0 START OF MULTIFRAME
Q = K28.4 START OF LINK CONFIGURATION DATA
C = JESD204B LINK CONFIGURATION PARAMETERS
D = Dx.y DATA SYMBOL
4 CHARACTER ELASTIC BUFFER DELAY OF EARLIEST ARRIVAL
L RECEIVE LANES
(EARLIEST ARRIVAL)
KKKKKKKRDD
KKKRDD
DD AR Q C
C
DDAR Q C
C
DDARDD
DDARDD
KKKKKKKRDD
DDAR Q C
C
DDARDD
Figure 44. Lane Alignment During ILAS
JESD204B Serial Link Establishment
A brief summary of the high speed serial link establishment
process for Subclass 1 is provided. See Section 5.3.3 of the
JESD204B specifications document for complete details.
Step 1: Code Group Synchronization
Each receiver must locate K (K28.5) characters in its input data
stream. After four consecutive K characters are detected on all
link lanes, the receiver block deasserts the SYNCOUTx± signal
to the transmitter block at the receiver local multiframe clock
(LMFC) edge.
The transmitter captures the change in the SYNCOUTx± signal,
and at a future transmitter LMFC rising edge, starts the initial
lane alignment sequence (ILAS).
Step 2: Initial Lane Alignment Sequence
The main purposes of this phase are to align all the lanes of the
link and to verify the parameters of the link.
Before the link is established, write each of the link parameters
to the receiver device to designate how data is sent to the
receiver block.
The ILAS consists of four or more multiframes. The last character
of each multiframe is a multiframe alignment character, /A/.
The first, third, and fourth multiframes are populated with
predetermined data values. Note that Section 8.2 of the JESD204B
specifications document describes the data ramp that is expected
during ILAS. By default, the AD9144 does not require this ramp.
Register 0x47E[0] can be set high to require the data ramp. The
deframer uses the final /A/ of each lane to align the ends of the
multiframes within the receiver. The second multiframe contains
an R (K28.0), Q (K28.4), and then data corresponding to the
link parameters. Additional multiframes can be added to the
ILAS if needed by the receiver. By default, the AD9144 uses four
multiframes in the ILAS (this can be changed in Register 0x478).
If using Subclass 1, exactly four multiframes must be used.
After the last /A/ character of the last ILAS, multiframe data
begins streaming. The receiver adjusts the position of the /A/
character such that it aligns with the internal LMFC of the
receiver at this point.
Step 3: Data Streaming
In this phase, data is streamed from the transmitter block to the
receiver block.
Optionally, data can be scrambled. Scrambling does not start
until the very first octet following the ILAS.
The receiver block processes and monitors the data it receives
for errors, including:
Bad running disparity (8-bit/10-bit error)
Not in table (8-bit/10-bit error)
Unexpected control character
Bad ILAS
Interlane skew error (through character replacement)
If any of these errors exist, they are reported back to the
transmitter in one of a few ways (see the JESD204B Error
Monitoring section for details).
SYNCOUTx± signal assertion: resynchronization
(SYNCOUTx± signal pulled low) is requested at each error
for the last two errors. For the first three errors, an optional
resynchronization request can be asserted when the error
counter reaches a set error threshold.
For the first three errors, each multiframe with an error in
it causes a small pulse on SYNCOUTx±.
Errors can optionally trigger an IRQ event, which can be
sent to the transmitter.
Various test modes for verifying the link integrity can be found
in the JESD204B Test Modes section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com