Electronic Components Datasheet Search
  English  ▼

X  

AD9144 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9144
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9144 Datasheet HTML 16Page - Analog Devices AD9144 Datasheet HTML 17Page - Analog Devices AD9144 Datasheet HTML 18Page - Analog Devices AD9144 Datasheet HTML 19Page - Analog Devices AD9144 Datasheet HTML 20Page - Analog Devices AD9144 Datasheet HTML 21Page - Analog Devices AD9144 Datasheet HTML 22Page - Analog Devices AD9144 Datasheet HTML 23Page - Analog Devices AD9144 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 125 page
background image
AD9144
Data Sheet
Rev. B | Page 20 of 125
700
100
200
300
400
500
600
1
8
7
6
5
4
3
2
LANE RATE (Gbps)
2 LANES
4 LANES
8 LANES
1.2V SVDD12 SUPPLY
1.3V SVDD12 SUPPLY
Figure 28. SVDD12 Current vs. Lane Rate over Number of SERDES Lanes and
Supply Voltage Setting
350
0
50
100
150
200
250
300
200
1600
1400
1200
100
800
600
400
fDAC (MHz)
PVDD12
AVDD33
CVDD12
DVDD12
1.2V SUPPLY
3.3V SUPPLY
1.3V SUPPLY
Figure 29. DVDD12, CVDD12, PVDD12, and AVDD33 Supply Current vs. fDAC
over Supply Voltage Setting, 4 DACs Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com