Electronic Components Datasheet Search
  English  ▼

X  

AD9144 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9144
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9144 Datasheet HTML 9Page - Analog Devices AD9144 Datasheet HTML 10Page - Analog Devices AD9144 Datasheet HTML 11Page - Analog Devices AD9144 Datasheet HTML 12Page - Analog Devices AD9144 Datasheet HTML 13Page - Analog Devices AD9144 Datasheet HTML 14Page - Analog Devices AD9144 Datasheet HTML 15Page - Analog Devices AD9144 Datasheet HTML 16Page - Analog Devices AD9144 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
Data Sheet
AD9144
Rev. B | Page 13 of 125
Pin No.
Mnemonic
Description
20
SVDD12
1.2 V JESD204B Receiver Supply.
21
VTT
1.2 V Termination Voltage. Connect VTT to the SVDD12 supply pins.
22
SVDD12
1.2 V JESD204B Receiver Supply.
23
SYNCOUT0+
Positive LVDS Sync (Active Low) Output Signal Channel Link 0.
24
SYNCOUT0−
Negative LVDS Sync (Active Low) Output Signal Channel Link 0.
25
VTT
1.2 V Termination Voltage. Connect VTT to the SVDD12 supply pins.
26
SERDIN2+
Serial Channel Input 2, Positive. CML compliant. SERDIN2+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
27
SERDIN2−
Serial Channel Input 2, Negative. CML compliant. SERDIN2− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
28
SVDD12
1.2 V JESD204B Receiver Supply.
29
SERDIN3+
Serial Channel Input 3, Positive. CML compliant. SERDIN3+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
30
SERDIN3−
Serial Channel Input 3, Negative. CML compliant. SERDIN3− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
31
SVDD12
1.2 V JESD204B Receiver Supply.
32
SVDD12
1.2 V JESD204B Receiver Supply.
33
SVDD12
1.2 V JESD204B Receiver Supply.
34
LDO_BYP1
LDO SERDES Bypass. This pin requires a 1 Ω resistor in series with a 1 µF capacitor to ground.
35
SIOVDD33
3.3 V Supply for SERDES.
36
SVDD12
1.2 V JESD204B Receiver Supply.
37
SERDIN4−
Serial Channel Input 4, Negative. CML compliant. SERDIN4− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
38
SERDIN4+
Serial Channel Input 4, Positive. CML compliant. SERDIN4+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
39
SVDD12
1.2 V JESD204B Receiver Supply.
40
SERDIN5−
Serial Channel Input 5, Negative. CML compliant. SERDIN5− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
41
SERDIN5+
Serial Channel Input 5, Positive. CML compliant. SERDIN5+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
42
VTT
1.2 V Termination Voltage. Connect VTT to the SVDD12 supply pins.
43
SYNCOUT1−
Negative LVDS Sync (Active Low) Output Signal Channel Link 1.
44
SYNCOUT1+
Positive LVDS Sync (Active Low) Output Signal Channel Link 1.
45
SVDD12
1.2 V JESD204B Receiver Supply.
46
VTT
1.2 V Termination Voltage. Connect VTT to the SVDD12 supply pins.
47
SVDD12
1.2 V JESD204B Receiver Supply.
48
SERDIN6−
Serial Channel Input 6, Negative. CML compliant. SERDIN6− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
49
SERDIN6+
Serial Channel Input 6, Positive. CML compliant. SERDIN6+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
50
SVDD12
1.2 V JESD204B Receiver Supply.
51
SERDIN7−
Serial Channel Input 7, Negative. CML compliant. SERDIN7− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
52
SERDIN7+
Serial Channel Input 7, Positive. CML compliant. SERDIN7+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
53
DVDD12
1.2 V Digital Supply.
54
GND
Ground. Connect GND to the ground plane.
55
GND
Ground. Connect GND to the ground plane.
56
PVDD12
1.2 V Supply. PVDD12 provides a clean supply.
57
PVDD12
1.2 V Supply. PVDD12 provides a clean supply.
58
PROTECT_OUT1
Power Detection Protection Pin Output for DAC2 and DAC3. Pin 58 is high when power protection is in process.
59
PROTECT_OUT0
Power Detection Protection Pin Output for DAC0 and DAC1. Pin 59 is high when power protection is in process.
60
IRQ
Interrupt Request (Active Low, Open Drain).
61
RESET
Reset. This pin is active low. CMOS levels are determined with respect to IOVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com