Electronic Components Datasheet Search
  English  ▼

X  

AD9144 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9144
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9144 Datasheet HTML 25Page - Analog Devices AD9144 Datasheet HTML 26Page - Analog Devices AD9144 Datasheet HTML 27Page - Analog Devices AD9144 Datasheet HTML 28Page - Analog Devices AD9144 Datasheet HTML 29Page - Analog Devices AD9144 Datasheet HTML 30Page - Analog Devices AD9144 Datasheet HTML 31Page - Analog Devices AD9144 Datasheet HTML 32Page - Analog Devices AD9144 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 125 page
background image
Data Sheet
AD9144
Rev. B | Page 29 of 125
DAC PLL SETUP
This section explains how to select the appropriate LODivMode,
RefDivMode, and BCount in the Step 1: Start Up the DAC
section. These parameters depend on the desired DAC clock
frequency (fDACCLK) and DAC reference clock frequency (fREF).
When using the DAC PLL, the reference clock signal is applied
to the CLK± differential pins (Pin 2 and Pin 3).
Table 23. DAC PLL LODivMode Settings
DAC Frequency Range (MHz)
LODivMode,
Register 0x08B[1:0]
1500 to 2800
1
750 to 1500
2
420 to 750
3
Table 24. DAC PLL RefDivMode Settings
DAC PLL Reference
Frequency (fREF) (MHz)
Divide by
(RefDivFactor)
RefDivMode,
Register 0x08C[2:0]
35 to 80
1
0
80 to 160
2
1
160 to 320
4
2
320 to 640
8
3
640 to 1000
16
4
The VCO frequency (fVCO) is related to the DAC clock frequency
according to the following equation:
fVCO = fDACCLK × 2LODivMode+ 1
where 6 GHz ≤ fVCO ≤ 12 GHz.
BCount must be between 6 and 127 and is calculated based on
fDACCLK and fREF as follows:
BCount = floor((fDACCLK)/(2 × fREF/RefDivFactor))
where RefDivFactor = 2RefDivMode (see Table 24).
Finally, to finish configuring the DAC PLL, set the VCO control
registers up as described in Table 25 based on the VCO
frequency (fVCO). Write the registers listed in the table with the
corresponding LookUpVals.
Table 25. VCO Control Lookup Table Reference
VCO Frequency
Range (GHz)
Register
0x1B5
Setting
Register
0x1BB
Setting
Register
0x1C5
Setting
fVCO < 6.3
0x08
0x03
0x07
6.3 ≤ fVCO < 7.25
0x09
0x03
0x06
fVCO ≥ 7.25
0x09
0x13
0x06
For more information on the DAC PLL, see the DAC Input
Clock Configurations section.
INTERPOLATION
The transmit path can use zero to three cascaded interpolation
filters, which each provides a 2× increase in output data rate and
a low-pass function. Table 26 shows the different interpolation
modes and the respective usable bandwidth along with the
maximum fDATA rate attainable.
Table 26. Interpolation Modes and Their Usable Bandwidth
Interpolation
Mode
InterpMode
Usable
Bandwidth
Max fDATA (MHz)
1× (bypass)
0x00
0.5 × fDATA
1060 (SERDES
limited)
2×
0x01
0.4 × fDATA
1060 (SERDES
limited)
4×
0x03
0.4 × fDATA
700
8×
0x04
0.4 × fDATA
350
The usable bandwidth is defined for 1×, 2×, 4×, and 8× modes
as the frequency band over which the filters have a pass-band
ripple of less than ±0.001 dB and an image rejection of greater
than 85 dB. For more information, see the Interpolation Filters
section.
JESD204B SETUP
This section explains how to select a JESD204B operating mode
for a desired application. This section defines appropriate values
for CheckSumMode, UnusedLanes, DualLink, CurrentLink,
Scrambling, L, F, K, M, N, NP, Subclass, S, HD, Lane0Checksum,
and Lanes needed for the Step 3: Transport Layer section.
Note that DualLink, Scrambling, L, F, K, M, N, NP, S, HD, and
Subclass must be set the same on the transmit side.
For a summary of how a JESD204B system works and what each
parameter means, see the JESD204B Serial Data Interface section.
Available Operating Modes
Table 27. JESD204B Operating Modes (Single-Link Only)
Mode
Parameter
0
1
2
3
M (Converter Count)
4
4
4
4
L (Lane Count)
8
8
4
2
S ((Samples per Converter) per Frame)
1
2
1
1
F ((Octets per Frame) per Lane)
1
2
2
4
Table 28. JESD204B Operating Modes (Single- or Dual-Link)
Mode
Parameter
4
5
6
7
9
10
M (Converter Count)
2
2
2
2
1
1
L (Lane Count)
4
4
2
1
2
1
S ((Samples per Converter) per Frame)
1
2
1
1
1
1
F ((Octets per Frame) per Lane)
1
2
2
4
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com