Electronic Components Datasheet Search
  English  ▼

X  

AD9144 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9144
Description  Digital-to-Analog Converter
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9144 Datasheet HTML 15Page - Analog Devices AD9144 Datasheet HTML 16Page - Analog Devices AD9144 Datasheet HTML 17Page - Analog Devices AD9144 Datasheet HTML 18Page - Analog Devices AD9144 Datasheet HTML 19Page - Analog Devices AD9144 Datasheet HTML 20Page - Analog Devices AD9144 Datasheet HTML 21Page - Analog Devices AD9144 Datasheet HTML 22Page - Analog Devices AD9144 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 125 page
background image
Data Sheet
AD9144
Rev. B | Page 19 of 125
Figure 22. 4C WCDMA ACLR, fOUT = 30 MHz,
fDAC = 983 MHz, 2× Interpolation, PLL Frequency = 122 MHz
Figure 23. 4C WCDMA ACLR, fOUT = 122 MHz,
fDAC = 983 MHz, 2× Interpolation, PLL Frequency = 122 MHz
Figure 24. 4C WCDMA ACLR, fOUT = 30 MHz,
fDAC = 1966 MHz, 4× Interpolation, PLL Frequency = 245 MHz
Figure 25. 4C WCDMA ACLR, fOUT = 245 MHz,
fDAC = 1966 MHz, 4× Interpolation, PLL Frequency = 245 MHz
1800
1700
1600
1500
1400
1300
1200
1000
1100
500
0
2500
2000
1500
1000
fDAC (MHz)
1×
2×
4×
8×
Figure 26. Total Power Consumption vs. fDAC over Interpolation, 8 SERDES Lanes
Enabled, 4 DACs Enabled, NCO, Digital Gain, Inverse Sinc and DAC PLL Disabled
120
100
80
60
40
20
0
200
1600
1400
1200
1000
800
600
400
fDAC (MHz)
NCO
PLL (
fDAC/fREF RATIO:4)
DIGITAL GAIN
INVERSE SINC
Figure 27. Power Consumption vs. fDAC over Digital Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com