Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5231 Datasheet HTML 3Page - Analog Devices AD5231 Datasheet HTML 4Page - Analog Devices AD5231 Datasheet HTML 5Page - Analog Devices AD5231 Datasheet HTML 6Page - Analog Devices AD5231 Datasheet HTML 7Page - Analog Devices AD5231 Datasheet HTML 8Page - Analog Devices AD5231 Datasheet HTML 9Page - Analog Devices AD5231 Datasheet HTML 10Page - Analog Devices AD5231 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
AD5231
–7–
CODE – Decimal
0
1.5
0
–1.0
1.0
0.5
256
512
768
TA = +25 C
TA = +85 C
TA = –40 C
1024
–0.5
128
384
640
896
TPC 1. INL vs. Code, TA = –40
°C, +25°C, +85
°C Overlay,
RAB = 10 k
Ω
CODE – Decimal
0
–2.0
2.0
1.0
TA = +25 C
TA = +85 C
TA = –40 C
–1.0
0
256
512
768
1024
128
384
640
896
–0.5
1.5
0.5
–1.5
VDD = 5V, VSS = 0V
TPC 2. DNL vs. Code, TA = –40
°C, +25°C, +85
°C Overlay,
RAB = 10 k
Ω
CODE – Decimal
0
–1.0
1.0
0.5
TA = +85 C
–0.5
0
256
512
768
1024
128
384
640
896
TA = –40 C
VDD = 5V, VSS = 0V
TA = +25 C
TPC 3. R-INL vs. Code, TA = –40
°C, +25°C, +85°C
Overlay, RAB = 10 k
Ω
CODE – Decimal
0
128
256
384
512
640
768
896
1024
2.0
1.5
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
VDD = 5V, VSS = 0V
TA = –40 C
TA = +85 C T
A = +25 C
TPC 4. R-DNL vs. Code, TA = –40
°C, +25°C, +85°C
Overlay, RAB = 10 k
Ω
CODE – Decimal
3000
0
256
512
768
1024
128
384
640
896
VDD = 5.5V, V SS = 0V
2500
2000
1500
1000
500
0
TA = –40 C TO +85 C
TPC 5.
RWB/ T vs. Code, RAB = 10 k
Ω
CODE – Decimal
100
0
256
512
768
1024
128
384
640
896
80
60
40
20
0
–20
VDD = 5.5V, V SS = 0V
TA = –40 C TO +85 C
VB = 0V
VA = 2.00V
TPC 6.
RWB/ T vs. Code, RAB = 10 k
Ω
Typical Performance Characteristics—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com