Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5231 Datasheet HTML 4Page - Analog Devices AD5231 Datasheet HTML 5Page - Analog Devices AD5231 Datasheet HTML 6Page - Analog Devices AD5231 Datasheet HTML 7Page - Analog Devices AD5231 Datasheet HTML 8Page - Analog Devices AD5231 Datasheet HTML 9Page - Analog Devices AD5231 Datasheet HTML 10Page - Analog Devices AD5231 Datasheet HTML 11Page - Analog Devices AD5231 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
AD5231
–8–
CODE – Decimal
60
0
256
512
768
1024
128
384
640
896
50
40
30
20
10
0
VDD = 2.7V, V SS = 0V
TA = 25 C
TPC 7. Wiper-On Resistance vs. Code
TEMPERATURE – C
4
–40
0
40
80
–20
20
60
100
3
2
1
0
–1
IDD @ V DD/VSS = 5V/0V
ISS @ V DD/VSS = 5V/0V
ISS @ V DD/VSS = 2.7V/0V
IDD @ V DD/VSS = 2.7V/0V
TPC 8. IDD vs. Temperature, RAB = 10 k
Ω
CLOCK FREQUENCY – MHz
0.25
048
2
6
10
12
0.20
0.15
0.10
0.05
0.00
VDD = 5V
VSS = 0V
MIDSCALE
ZERO-SCALE
FULL-SCALE
TPC 9. IDD vs. Clock Frequency, RAB = 10 k
Ω
FREQUENCY – Hz
2
0
–16
1k
10k
–2
–4
–12
–6
–8
–10
–14
100k
1M
f
–3dB = 370kHz, RAB = 10k
VA = 1mV rms
VDD / V SS = 2.5V
D = MIDSCALE
f
–3dB = 44kHz, R = 100k
f
–3dB = 85kHz, RAB = 50k
TPC 10. –3 Bandwidth vs. Resistance. Test Circuit in
Figure 16.
FREQUENCY – kHz
0.12
0.01
0.10
0.08
0.04
0.00
0.1
1
10
RAB = 10k
100k
VDD/VSS = 2.5V
VA = 1V rms
100
50k
0.06
0.02
TPC 11. Total Harmonic Distortion vs. Frequency
FREQUENCY– Hz
0
–50
1k
–25
100k
10k
–5
–30
–35
–40
–45
–20
–10
–15
1M
10M
CODE = 200H
100H
80H
40H
20H
10H
01H
02H
04H
08H
TPC 12. Gain vs. Frequency vs. Code, RAB = 10 k
Ω.
Test Circuit in Figure 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com