Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5231 Datasheet HTML 11Page - Analog Devices AD5231 Datasheet HTML 12Page - Analog Devices AD5231 Datasheet HTML 13Page - Analog Devices AD5231 Datasheet HTML 14Page - Analog Devices AD5231 Datasheet HTML 15Page - Analog Devices AD5231 Datasheet HTML 16Page - Analog Devices AD5231 Datasheet HTML 17Page - Analog Devices AD5231 Datasheet HTML 18Page - Analog Devices AD5231 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. 0
AD5231
–15–
part. For VDD = 5 V, the wiper first connection starts at the B
terminal for data 000H. RWB(0) is 15
Ω because of the wiper
resistance and it is independent of the nominal resistance. The
second connection is the first tap point where RWB(1) becomes
9.7
Ω + 15 Ω = 27.4 Ω for data 001
H. The third connection is
the next tap point representing RWB(2) = 19.4 + 15 = 34.4
Ω for
data 002H and so on. Each LSB data value increase moves the
wiper up the resistor ladder until the last tap point is reached at
RWB(1023) = 10005
Ω. See Figure 9 for a simplified diagram of
the equivalent RDAC circuit. When RWB is used, the A–terminal
can be left floating or tied to the wiper.
CODE – Decimal
100
75
0
0
1023
256
512
768
50
25
RWB
RWA
Figure 10. RWA(D) and RWB(D) vs. Decimal Code
The general equation, which determines the programmed output
resistance between W and B, is:
RD
D
RR
WB
AB
W
()
=×
+
1024
(1)
Where D is the decimal equivalent of the data contained in the
RDAC register, RAB is the Nominal Resistance between terminals
A-and-B, and RW is the wiper resistance.
For example, the following output resistance values will be set
for the following RDAC latch codes with VDD = 5 V (applies to
RAB = 10 k
Ω Digital Potentiometers):
Table VII. RWB at Selected Codes for RAB = 10 k
Ω
D(DEC) RWB(D) (
Ω) Output State
1023
10,005
Full-Scale
512
50015
MidScale
1
24.7
1 LSB
0
15
Zero-Scale (Wiper Contact Resistor)
Note that in the zero-scale condition a finite wiper resistance of
15
Ω is present. Care should be taken to limit the current flow
between W and B in this state to no more than 20 mA to avoid
degradation or possible destruction of the internal switches.
Like the mechanical potentiometer the RDAC replaces, the
AD5231 parts are totally symmetrical. The resistance between the
wiper W and terminal A also produces a digitally controlled
complementary resistance RWA. Figure 10 shows the symmetrical
programmability of the various terminal connections. When RWA
is used, the B-terminal can be let floating or tied to the wiper.
Setting the resistance value for RWA starts at a maximum value of
resistance and decreases as the data loaded in the latch is increased
in value. The general transfer equation for this operation is:
NOTES
1RDAC data stored in EEMEM location is transferred to the RDAC Register at
Power ON, or when instructions #1, #8, and
PR are executed.
2Execution of instruction #1 leaves the device in the Read Mode power con-
sumption state. After the last instruction #1 is executed, the user should perform
a NOP, instruction #0 to return the device to the low power idling state.
3O1 and O2 data stored in EEMEM locations are transferred to their corresponding
Digital Register at Power ON, or when instructions #1 and #8 are executed.
4USER <data> are internal nonvolatile EEMEM registers available to store and
retrieve constants and other 16-bit information using #3 and #9, respectively.
RDAC STRUCTURE
The patent pending RDAC contains multiple strings of equal
resistor segments, with an array of analog switches, that act as
the wiper connection. The number of positions is the resolution
of the device. The AD5231 has 1024 connection points allowing
it to provide better than 0.1% set-ability resolution. Figure 9
shows an equivalent structure of the connections between the
three terminals of the RDAC. The SWA and SWB will always be
ON, while one of the switches SW(0) to SW(2
N–1) will be ON
one at a time depending on the resistance position decoded
from the data bits. Since the switch is not ideal, there is a 15
Ω
wiper resistance, RW. Wiper resistance is a function of supply
voltage and temperature. The lower the supply voltage, or the
higher the temperature, the higher the resulting wiper resistance.
Users should be aware of the wiper resistance dynamics if accu-
rate prediction of the output resistance is needed.
SW(1)
SW(0)
SWB
B
RS
RS
SWA
SW(2N–1)
A
W
SW(2N– 2)
RDAC
WIPER
REGISTER
AND
DECODER
RS = RAB /2
N
RS
DIGITAL
CIRCUITRY
OMITTED FOR
CLARITY
Figure 9. Equivalent RDAC Structure (Patent Pending)
Table VI. Nominal Individual Segment Resistor (RS)
Device
10 k
50 k
100 k
Resolution
Version
Version
Version
10-Bit
9.8
Ω
48.8
Ω
97.6
Ω
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance of the RDAC between terminals A-and-
B, RAB is available with 10 k
Ω, 50 kΩ, and 100 kΩ with 1024
positions (10-bit resolution). The final digit(s) of the part number
determine the nominal resistance value, e.g., 10 k
Ω = 10; 50 kΩ = 50;
100 k
Ω = C.
The 10-bit data word in the RDAC latch is decoded to select one
of the 1024 possible settings. The following discussion describes
the calculation of resistance RWB at different codes of a 10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com