Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5231 Datasheet HTML 16Page - Analog Devices AD5231 Datasheet HTML 17Page - Analog Devices AD5231 Datasheet HTML 18Page - Analog Devices AD5231 Datasheet HTML 19Page - Analog Devices AD5231 Datasheet HTML 20Page - Analog Devices AD5231 Datasheet HTML 21Page - Analog Devices AD5231 Datasheet HTML 22Page - Analog Devices AD5231 Datasheet HTML 23Page - Analog Devices AD5231 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. 0
AD5231
–22–
DIGITAL POTENTIOMETER FAMILY SELECTION GUIDE
Resolution
Power
Number
Terminal
Interface
Nominal
(Number
Supply
Part
of VRs per
Voltage
Data
Resistance
of Wiper
Current
Number Package
Range (V)
Control
(k )
Positions)
(IDD) ( A) Packages
Comments
AD5201
1
±3, +5.5
3-Wire
10, 50
33
40
µSOIC-10
Full ac Specs,
Dual Supply,
Power-On Reset,
Low Cost
AD5220
1
5.5
UP/
10, 50, 100
128
40
PDIP, SO-8,
No Rollover,
DOWN
µSOIC-8
Power-On Reset
AD7376
1
±15, +28
3-Wire
10, 50, 100,
128
100
PDIP-14,
Single 28 V
1000
SOL-16,
or Dual
±15 V
TSSOP-14
Supply Operation
AD5200
1
±3, +5.5
3-Wire
10, 50
256
40
µSOIC-10
Full ac Specs,
Dual Supply,
Power-On Reset
AD8400
1
5.5
3-Wire
1, 10, 50, 100
256
5
SO-8
Full ac Specs
AD5260
1
±5, +15
3-Wire
20, 50, 200
256
60
TSSOP-14
5 V to 15 V or
±5 V
Operation,
TC < 50 ppm/
°C
AD5241
1
±3, +5.5
2-Wire
10, 100, 1000
256
50
SO-14,
I
2C Compatible,
TSSOP-14
TC < 50 ppm/
°C
AD5231
1
±2.75, +5.5 3-Wire
10, 50, 100
1024
20
TSSOP-16
Nonvolatile
Memory, Direct
Program, I/D,
±6 dB
Settability
AD5222
2
±3, +5.5
UP/
10, 50, 100,
128
80
SO-14,
No Rollover, Stereo
DOWN
1000
TSSOP-14
Power-On Reset,
TC < 50 ppm/
°C
AD8402
2
5.5
3-Wire
1, 10, 50, 100
256
5
PDIP, SO-14,
Full ac Specs, nA
TSSOP-14
Shutdown Current
AD5207
2
±3, +5.5
3-Wire
10, 50, 100
256
40
TSSOP-14
Full ac Specs, Dual
Supply, Power-On
Reset, SDO
AD5232
2
±2.75, +5.5 3-Wire
10, 50, 100
256
20
TSSOP-16
Nonvolatile Memory,
Direct Program, I/D,
±6 dB Settability
AD5235
2
±2.75, +5.5 3-Wire
25, 250
1024
20
TSSOP-16
Nonvolatile Memory,
Direct Program,
TC < 50 ppm/
°C
AD5242
2
±3, +5.5
2-Wire
10, 100, 1000
256
50
SO-16,
I
2C Compatible,
TSSOP-16
TC < 50 ppm/
°C
AD5262
2
±5, +15
3-Wire
20, 50, 200
256
60
TSSOP-16
5 V to 15 V or
±5 V
Operation,
TC < 50 ppm/
°C
AD5203
4
5.5
3-Wire
10, 100
64
5
PDIP,
Full ac Specs, nA
SOL-24,
Shutdown Current
TSSOP-24
AD5233
4
±2.75, +5.5 3-Wire
10, 50, 100
64
20
TSSOP-24
Nonvolatile Memory,
Direct Program, I/D,
±6 dB settability
AD5204
4
±3, +5.5
3-Wire
10, 50, 100
256
60
PDIP,
Full ac Specs,
SOL-24,
Dual Supply,
TSSOP-24
Power-On Reset
AD8403
4
5.5
3-Wire
1, 10, 50, 100
256
5
PDIP,
Full ac Specs, nA
SOL-24,
Shutdown Current
TSSOP-24
AD5206
6
±3, +5.5
3-Wire
10, 50, 100
256
60
PDIP,
Full AC specs,
SOL-24,
Dual Supply,
TSSOP-24
Power-On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com